Electronic Components Datasheet Search
  English  ▼

X  

LTC2870 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC2870
Description  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2870 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC2870 Datasheet HTML 17Page - Analog Devices LTC2870 Datasheet HTML 18Page - Analog Devices LTC2870 Datasheet HTML 19Page - Analog Devices LTC2870 Datasheet HTML 20Page - Analog Devices LTC2870 Datasheet HTML 21Page - Analog Devices LTC2870 Datasheet HTML 22Page - Analog Devices LTC2870 Datasheet HTML 23Page - Analog Devices LTC2870 Datasheet HTML 24Page - Analog Devices LTC2870 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
LTC2870/LTC2871
21
28701fb
For more information www.linear.com/LTC2870
Multiple LTC2870 or LTC2871 devices can be powered
using the boost regulator from only one of the devices,
requiring only one inductor and flying cap. Since the
RS232 drivers provide the primary load to the circuit, the
following guidelines apply:
1. No more than four RS232 drivers can be supplied
from a single device.
2. If more than two RS232 drivers are being supplied
from a single device, then the inductor, L1, must be
increased to 22µH and the flying cap, C1, must be
increased to 470nH, and VDD and VEE bypass caps
must be increased to 2.2µF.
3. Ground the SW pin on devices with inactive boost
converters.
4. Connect CAP pins together for all devices.
5. Connect VEE pins together for all devices.
6. Connect VDD pins together for all devices.
Figures 51 and 52 show examples of connecting two
devices and four devices.
Inductor Selection
A 10μH inductor with a saturation current (ISAT) rating of
at least 220mA and a DCR (copper wire resistance) of less
than 1.3Ω is required. Some very small inductors meeting
these requirements are listed in Table 12.
Table 12. Recommended Inductors
PART NUMBER
ISAT
(mA)
MAX
DCR (Ω)
SIZE(mm)
MANUFACTURER
LBC2016T100K
CBC2016T100M
245
380
1.07
1.07
2 × 1.6 × 1.6
2 × 1.6 × 1.6
Taiyo Yuden
www.t-yuden.com
FSLB2520-100K
220
1.1
2.5 × 2 × 1.6 Toko
www.tokoam.com
Capacitor Selection
The small size of ceramic capacitors makes them ideal
for the LTC2870 and LTC2871. Use X5R or X7R dielectric
types; their ESR is low and they retain their capacitance
over relatively wide voltage and temperature ranges. Use
a voltage rating of at least 10V.
Running with External VDD and VEE Supplies
The inductor and flying cap, C1, can be omitted only if
VDD and VEE are externally supplied. Bypass caps on
VDD and VEE must remain in place. In this circumstance,
ground the SW pin and float the CAP pin. External sup-
plies must not exceed the ABSMAX levels of ±7.5V. Ideal
supply levels are 7.3V and –6.5V as these are each just
wider than the regulation points of 7.2V and –6.3V so
the internal feedback is satisfied and the switching stops.
Lower voltages can be used even at –6V and +6V but the
internal boost regulator will be switching. This may cause
some switching noise but will not harm the part. VDD and
VEE supplies must be present for proper operation in all
modes except shutdown, including RS485-only mode.
Inrush Current and Supply Overshoot Precaution
In certain applications fast supply slew rates are gener-
ated when power is connected. If the VCC voltage is greater
than 4.5V and its rise time is faster than 10μs, the pins
VDD and SW can exceed their absolute maximum values
during start-up. When supply voltage is applied to VCC,
the voltage difference between VCC and VDD generates
inrush current flowing through inductor L1 and capaci-
tors C1 and C2. The peak inrush current must not exceed
2A. To avoid this condition, add a 1Ω resistor as shown
in Figure 15. This precaution is not relevant for supply
voltages below 4.5V or rise times longer than 10μs.
applicaTions inForMaTion
Figure 15. Supply Current Overshoot Protection
for Input Supplies of 4.5V of Higher
28701 F14
0V
5V
≤10µs
C1
220nF
L1
10µH
INRUSH
CURRENT
C4
2.2µF
R1
1
1/8W
VCC
VDD
GND
SW
CAP
C2
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com