Electronic Components Datasheet Search
  English  ▼

X  

LTC2870 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC2870
Description  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2870 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC2870 Datasheet HTML 34Page - Analog Devices LTC2870 Datasheet HTML 35Page - Analog Devices LTC2870 Datasheet HTML 36Page - Analog Devices LTC2870 Datasheet HTML 37Page - Analog Devices LTC2870 Datasheet HTML 38Page - Analog Devices LTC2870 Datasheet HTML 39Page - Analog Devices LTC2870 Datasheet HTML 40Page - Analog Devices LTC2870 Datasheet HTML 41Page - Analog Devices LTC2870 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
LTC2870/LTC2871
39
28701fb
For more information www.linear.com/LTC2870
package DescripTion
UFD Package
28-Lead Plastic QFN (4mm × 5mm)
(Reference LTC DWG # 05-08-1712 Rev C)
Please refer to http://www.linear.com/product/LTC2870#packaging for the most recent package drawings.
4.00
±0.10
(2 SIDES)
2.50 REF
5.00
±0.10
(2 SIDES)
NOTE:
1. DRAWING PROPOSED TO BE MADE A JEDEC PACKAGE OUTLINE MO-220 VARIATION (WGHD-3).
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40
±0.10
27
28
1
2
BOTTOM VIEW—EXPOSED PAD
3.50 REF
0.75
±0.05
R = 0.115
TYP
R = 0.05
TYP
PIN 1 NOTCH
R = 0.20 OR 0.35
× 45° CHAMFER
0.25
±0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UFD28) QFN 0816 REV C
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70
±0.05
0.25
±0.05
0.50 BSC
2.50 REF
3.50 REF
4.10
±0.05
5.50
±0.05
2.65
±0.05
3.10
±0.05
4.50
±0.05
PACKAGE OUTLINE
2.65
±0.10
3.65
±0.10
3.65
±0.05
UFD Package
28-Lead Plastic QFN (4mm
× 5mm)
(Reference LTC DWG # 05-08-1712 Rev C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com