Electronic Components Datasheet Search
  English  ▼

X  

ASFN16B71 Datasheet(PDF) 18 Page - Panasonic Semiconductor

Part # ASFN16B71
Description  ASFN DC Fans / ASEN AC Fans
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN16B71 Datasheet(HTML) 18 Page - Panasonic Semiconductor

Back Button ASFN16B71 Datasheet HTML 12Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 13Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 14Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 15Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 16Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 17Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 18Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 19Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 20Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
3. Fan cover with filter insert (for DC and AC fans)
ASEN68002
For 60 x 60 Series
ASEN18002
50
60
6.4
4.5 dia.
ASEN88002
For 80 x 80 Series
71.5
83.6
10
3.8 dia.
ASEN98002
For 90 x 90 Series
82.5
96.5
10
3.8 dia.
ASEN18002
For 120 x 120 Series
104.8
123.7
10.7
4.5 dia.
Fan lock sensor: operation details
DC Fan sensor output
In the ASFN series, the models designated "with lock sensor" have an additional output. If the fan propeller is blocked, a
rectangular alarm signal is triggered at the sensor output. This signal can be used with an external circuit in order to monitor
the fan - for example, to keep it from overheating.
› 1. Sensor output switch action
Notes:
1.) Output may be high for approximately 0.5s when power is turned on.
2.) In case of fan blockage, the sensor signal is at a constant high.
VOH
VOL
0V
s
ca. 5s or less
ca. 5s or less
Fan running
Fan running
Fan idle
(blockage)
Vcc
Ic
R
Red
White
Black
Operating
voltage
Operating
voltage
Sensor output
• Sensor output:
• Vcc:
• Ic:
Transistor (open collector)
Max. 30V
Max. 5mA
Notes:
1.) Set the resistance (R) at a value which ensures that the sensor circuit current (lc) does not
exceed 5mA.
2.) If the sensor output is operating at the TTL level, the sensor circuit current (lc) should be
approximately 2mA.
› 2. External circuit
Fan
External circuit
18 FAN LOCK SENSOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com