Electronic Components Datasheet Search
  English  ▼

X  

ASFN16B71 Datasheet(PDF) 17 Page - Panasonic Semiconductor

Part # ASFN16B71
Description  ASFN DC Fans / ASEN AC Fans
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN16B71 Datasheet(HTML) 17 Page - Panasonic Semiconductor

Back Button ASFN16B71 Datasheet HTML 12Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 13Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 14Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 15Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 16Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 17Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 18Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 19Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 20Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Dimensions (mm)
1. Connector cable for AC fans
9
7.5
8±0.1
15.5
18
10±5
7
23.5
1000±30
ASE51100
Fan connector cable 1m
Two-core, injection-molded plastic twin cables (20/0 .18)
with center-fed, double-pole Faston terminal
ASE51109
Fan connector cable 1m
Two-core, injection-molded plastic twin cables
with center-fed, double-pole Faston terminal
UL Standard: File No. E106219
9
7.5
8±0.1
15.5
18
10±5
7
23.5
1000±30
9.3
7.5
8±0.1
16.7
18.5
10±5
7
1000±30
22
20
ASE51107
Fan connector cable 1m
Two-core, injection-molded plastic twin cables (30/0 .18)
with center-fed, double-pole Faston terminal
2. Fan guard (for DC and AC fans)
ASFN48001
For 40 x 40; 2 rings; UL/CSA
Material: steel, d=1 .6mm
ASFN68001
For 60 x 60; 4 rings; UL/CSA
Material: steel, d=1 .6mm
ASFN88001
For 80 x 80; 5 rings; UL/CSA
Material: steel, d=1 .6mm
4.8
32
53.2 dia.
50.0
5.0
1.6 dia.
1.6 dia.
4.6 dia.
76.2 dia.
71.4
1.6 dia.
5.0
1.8 dia.
4.6 dia.
ASEN88001
For 80 x 80; 5 rings
Material: steel, d=1 .6mm
ASFN98001
For 92 x 92; 6 rings; UL/CSA
Material: steel, d=1 .6mm
ASEN98001
For 92 x 92; 7 rings
Material: steel, d=1 .6mm
5.0
105
4.3
80 dia.
30 dia.
1.6 dia.
5.0
82.4
89.5 dia.
1.6 dia.
1.8 dia.
4.6 dia.
5.0
4.3
121
90 dia.
1.6 dia.
30 dia.
ASFN18001
For 120 x 120; 6 rings; UL/CSA
Material: steel, d=1 .6mm
ASEN18001
For 120 x 120; 7 rings
Material: steel, d=1 .6mm
ASEN58001
For 150 x 150; 9 rings; UL/CSA
Material: steel, d=1 .6mm
5.0
4.3
152.5
108 dia.
1.6 dia.
30 dia.
60.2
162.05
6.45
1.8 dia.
2.3 dia.
154.4 dia.
5.0
104.8
104.8
115.6 dia.
4.6 dia.
17
ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com