Electronic Components Datasheet Search
  English  ▼

X  

ASFN16B71 Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # ASFN16B71
Description  ASFN DC Fans / ASEN AC Fans
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN16B71 Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button ASFN16B71 Datasheet HTML 8Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 9Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 10Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 11Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 12Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 13Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 14Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 15Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 16Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Features
› Dimensions: 80 x 80 x 38mm
› 6 rated voltages: 100VAC to 240VAC
› Frame: die-cast aluminum
› Propeller: reinforced plastic
› RoHS-compliant
Diagram
+0.8
0
38
+0.8
0
38
3.4
3.4
3.4
3.4
8-4.3
dia.
80±0.5
71.5±0.2
71.5±0.2
80±0.5
Connecting cable
Faston terminal
Earth tap M4
(200V class)
Air flow
Air flow
300 min
300 min
60
40
20
0
0.2
0.4
0.6
0.8
1.0
60Hz
50Hz
Air flow (m3/min)
60Hz
50Hz
Materials used
Specifications
ASEN8 Series
80 x 80 x 38mm
Lead wire type
Faston terminal
type
V AC
Hz
W
mA
rpm
m³/min
Pa
dB(A)
kg
ASEN80411
ASEN804519
100
50/60
9.0/7.0
170/120
2,700/
3,200
0.75/0.90
44.2/62.8
33/38
0.3
ASEN80412
ASEN804529
115
140/110
ASEN80414
ASEN804549
200
80/65
ASEN80415
ASEN804559
220
70/60
ASEN80416
ASEN804569
230
10.0/8.0
70/55
ASEN80417
ASEN804579
240
12.0/9.0
75/60
Accessories
ASFN88001
Fan guard 80 x 80mm, 5 rings, UL/CSA
ASEN88001
Fan guard 80 x 80mm, 5 rings
ASEN88002
Fan cover with filter
Frame: Aluminum alloy
Fan blades: Fiberglass-reinforced plastic
Bearings: Ball bearings
Lead wires: UL3266 and AWG22
Faston terminal: Faston #110
Operating voltage:
±10% of rated voltage
Ambient temperature:
Storage: -20°C to +70°C; operation: -10°C to +60°C
Ambient humidity:
Max. 85% (RH)
Temperature rise:
Coil: max. 50°C; surface: max. 20°C
Breakdown voltage:
1,500V AC for 1min
Insulation resistance:
Min. 100MΩ (at 500V DC)
Vibration resistance:
10 to 55Hz; amplitude 0.75mm; applied for 10min in 3 directions
Protection:
Impedance protected
Lifetime:
50,000 hours
12
SERIES ASEN - AC FANS
ASEN8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com