Electronic Components Datasheet Search
  English  ▼

X  

ASFN16B71 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ASFN16B71
Description  ASFN DC Fans / ASEN AC Fans
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN16B71 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ASFN16B71 Datasheet HTML 4Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 5Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 6Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 7Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 8Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 9Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 10Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 11Page - Panasonic Semiconductor ASFN16B71 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Features
› Dimensions: 120 x 120 x 25mm
› Rated voltages: 12VDC, 24VDC
› Several rotation speeds per model
› Blockage protection with automatic restart
› Reverse polarity and overvoltage protection
› Optional: Lock sensor output (alarm is
triggered if fan is blocked)
› RoHS-compliant
Diagram
25.5±0.5
105±0.3
119±0.5
119±0.5
105±0.3
Air flow
4-4.3
±0.2
dia.
300 min.
50
40
30
20
10
0
0
3
Air flow (m3/min)
Standard
Middle
Low
1.5
Materials used
Specifications
Frame: Plastic
Fan blades: Plastic
Bearings: Ball bearings
Lead wires: UL1007 and AWG24
Operating voltage:
At 12V: 6–13V; at 24V: 10–27.6V
Ambient temperature:
-10°C to +60°C
Ambient humidity:
Max. 95% (RH)
Temperature rise:
Coil: max. 50°C; surface: max. 20°C
Breakdown voltage:
500V AC for 1min (between lead wires and frame)
Insulation resistance:
Min. 10MΩ (at 500V DC)
Lead wire tensile strength:
9.8N at 15s
Vibration resistance:
10 to 55Hz; amplitude 0.75mm; applied for 10min in 3 directions
Fan blockage:
No coil burnout after 72-hour blockage at nominal voltage
Reverse polarity protection:
No damage after brief reverse polarity connection at nominal voltage
Lifetime:
100,000 hours
ASFN1 Series
120 x 120 x 25mm
Without lock sen-
sor
With lock sensor
V DC
W
mA
rpm
m³/min
Pa
dB(A)
kg
ASFN14371
ASFN14391
12
1.92
160
1,600
1.80
17.90
27.0
0.18
Low
ASFN14372
ASFN14392
24
2.40
100
Low
ASFN12371
ASFN12391
12
3.00
250
1,900
2.15
24.80
31.0
Middle
ASFN12372
ASFN12392
24
3.12
130
Middle
ASFN10371
ASFN10391
12
6.24
520
2,500
2.85
40.90
38.5
Standard
ASFN10372
ASFN10392
24
6.96
290
Standard
ASFN16371
ASFN16391
12
8.64
720
2,800
3.25
50.50
41.5
On request
ASFN16372
ASFN16392
24
9.12
380
On request
Accessories
ASFN18001
Fan guard 120 x 120mm, 6 rings, UL/CSA
ASEN18001
Fan guard 120 x 120mm, 7 rings
ASEN18002
Fan cover with filter
8
SERIES ASFN - DC FANS
ASFN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com