Electronic Components Datasheet Search
  English  ▼

X  

903 Datasheet(PDF) 10 Page - HAKKO Corporation

Part # 903
Description  TIP MAINTENANCE AND CLEANING PROCEDURES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

903 Datasheet(HTML) 10 Page - HAKKO Corporation

Back Button 903 Datasheet HTML 6Page - HAKKO Corporation 903 Datasheet HTML 7Page - HAKKO Corporation 903 Datasheet HTML 8Page - HAKKO Corporation 903 Datasheet HTML 9Page - HAKKO Corporation 903 Datasheet HTML 10Page - HAKKO Corporation 903 Datasheet HTML 11Page - HAKKO Corporation 903 Datasheet HTML 12Page - HAKKO Corporation 903 Datasheet HTML 13Page - HAKKO Corporation 903 Datasheet HTML 14Page - HAKKO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
903 Series
10
0.8 mm
(.031)
1.6 mm
(.063)
SHAPE: 0.8D
SHAPE: 1.6D
SHAPE: 2.4D
SHAPE: 5.2D
SHAPE: B
SHAPE: I
SHAPE: 1.2C
SHAPE: 0.2RB
15 mm
(.591)
15 mm
(.591)
15 mm
(.591)
8 mm
(.315)
8 mm
(.315)
15 mm
(.591)
15 mm
(.591)
15 mm
(.591)
.2r
(.008)
.5r
(.020)
.2r
(.008)
2.4 mm
(.094)
5.2 mm
(.205)
A1243
A1244
A1245
A1246
A1247
A1248
A1249
60
°
1.2 mm
(.047)
A1250
60
°
SHAPE: SI
SHAPE: 0.8SD
SHAPE: 1.2SD
SHAPE: .04SC
SHAPE: 3.2D
SHAPE: 2.4LD
SHAPE: K
SHAPE: 0.2RSB
A1252
12.0 mm
(.472)
10 mm
(.394)
14 mm
(.557)
15 mm
(.591)
.2r
(.008)
A1253
A1254
A1255
60
°
A1269
30
°
.2r
(.008)
0.8 mm
(.031)
10 mm
(.394)
1.2 mm
(.047)
0.4 mm
(.016)
8 mm
(.315)
3.2 mm
(.13)
A1256
15 mm
(.591)
A1266
2.4 mm
(.094)
5 mm
(.197)
A1268
15 mm
(.591)
45
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com