Electronic Components Datasheet Search
  English  ▼

X  

903 Datasheet(PDF) 22 Page - HAKKO Corporation

Part # 903
Description  TIP MAINTENANCE AND CLEANING PROCEDURES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

903 Datasheet(HTML) 22 Page - HAKKO Corporation

Back Button 903 Datasheet HTML 16Page - HAKKO Corporation 903 Datasheet HTML 17Page - HAKKO Corporation 903 Datasheet HTML 18Page - HAKKO Corporation 903 Datasheet HTML 19Page - HAKKO Corporation 903 Datasheet HTML 20Page - HAKKO Corporation 903 Datasheet HTML 21Page - HAKKO Corporation 903 Datasheet HTML 22Page - HAKKO Corporation 903 Datasheet HTML 23Page - HAKKO Corporation 903 Datasheet HTML 24Page - HAKKO Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
22
Part No. 888-001
Drill for Heating Element
Cleans solder and flux from the heating
element core. Use once a day.
Part No. 888-075
Wrench
Removes and replaces enclosure nut,
enclosure and nozzle from heating element.
Part No. A1030
Spring Filter (Set of 10)
Captures solder in the handpiece. Replace
when filter is 1/2 to 1/3 full of solder.
Part No. A1009
Ceramic Paper Filter (S) (Set of 10)
Protects the pump by filtering flux vapors at
the desolder station. Replace when face of
filter is coated with flux.
Part No. A1033
Ceramic Paper Filter (L) (Set of 10)
Protects the pump by filtering flux vapors at
the handpiece. Replace when face of filter is
coated with flux.
Part No. B1915
Filter Holder for 807
Holds spring filter (A1030) in filter pipe
(B1916). For use with 807 handpiece only.
Replace if holder becomes stiff or cracked.
Part No. 777-090
Maintenance Brush
Cleans oxides and flux residue from heater
core. Do not use on nozzles as brush will
damage the plating.
888-001
888-075
A1030
777-090
B1915
B1086 - B1089
A1009
Part No. A1042
Cleaning Sponge
Cleans nozzle of excess solder and oxides.
Rinse with water only. Replace sponge
when contaminated.
A1042
Part No. A1011
Filter Holder for 802
Holds spring filter (A1030) in filter pipe
(B1128). For use with 802 handpiece only.
Replace if holder becomes stiff or cracked.
A1011
Part No. B1303
Nozzle Cleaning Drill (1.0mm) with holder
Drill bit only: B1308; 0.8mm, B1310;
1.3mm, B1311; 1.6mm
Used to remove heavy accumulation of sol-
der from the nozzle. Use if cleaning pin can
not clean nozzle.
B1302 - B1305
A1033
P/N HJ2002-01
Desoldering
Maintenance K it
For long lasting use of your desoldering tools,
Keep Hakko’s “Desoldering
Maintenance Kit” by your side!
Part No. B1087
Nozzle Cleaning Pin (1.0mm)
B1086: 0.8mm, B1088: 1.3mm, B1089: 1.6mm
Used to clean accumulated solder from the
nozzle, preventing clogging. Match cleaning
pin diameter to nozzle hole diameter. Use
approximately every two hours of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com