Electronic Components Datasheet Search
  English  ▼

X  

903 Datasheet(PDF) 11 Page - HAKKO Corporation

Part # 903
Description  TIP MAINTENANCE AND CLEANING PROCEDURES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

903 Datasheet(HTML) 11 Page - HAKKO Corporation

Back Button 903 Datasheet HTML 7Page - HAKKO Corporation 903 Datasheet HTML 8Page - HAKKO Corporation 903 Datasheet HTML 9Page - HAKKO Corporation 903 Datasheet HTML 10Page - HAKKO Corporation 903 Datasheet HTML 11Page - HAKKO Corporation 903 Datasheet HTML 12Page - HAKKO Corporation 903 Datasheet HTML 13Page - HAKKO Corporation 903 Datasheet HTML 14Page - HAKKO Corporation 903 Datasheet HTML 15Page - HAKKO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
903 Series
11
SHAPE: 1C
SHAPE: 1.2D
SHAPE: 4.5D
4.5 mm
(.177)
15 mm
(.591)
1.0 mm
(.040)
60
°
A1270
A1271
15 mm
(.591)
A1326
9.9 mm
(.390)
1.2 mm
(.047)
SHAPE: 0.8SC
14.2 mm
(.559)
60
°
A1327
0.8 mm
(.031)
SHAPE: 0.2RSSB
SHAPE: IS
SHAPE: 2.8C
.2r
(.008)
A1328
30
°
6.4 mm
(.252)
1.6 mm
(.063)
14.7 mm
(.579)
.2r
(.008)
A1329
2.8 mm
(.110)
A1330
17.6 mm
(.693)
60
°
SHAPE: R1 (1.7)
3.4 mm
(.134)
1.7 mm
(.067)
2.5 mm
(.093)
6.2 mm
(.242)
A1331
SHAPE: R2 (3.5)
SHAPE: SOP 5.1 X 4.3
SHAPE: SOP 5.1 x 10.2
SHAPE: SOP 9.5 x 13.3
SHAPE: R3 (2.3)
SHAPE: SPATULA 10.4
SHAPE: SPATULA 20.8
SHAPE: 3.2D
5.9 mm
(.232)
3.5 mm
(.138)
1.5 mm
(.059)
5.2 mm
(.205)
A1332
6.7 mm
(.264)
5.1 mm
(.201)
4.3 mm
(.169)
5.3 mm
(.209)
A1333
10.2 mm
(.402)
5.3 mm
(.209)
A1334
6.7 mm
(.264)
5.1 mm
(.201)
13.3 mm
(.524)
5.5 mm
(.217)
A1335
11.1 mm
(.437)
9.5 mm
(.374)
1.3 mm
(.051)
7.0 mm
(.276)
A1336
4.0 mm
(.181)
2.3 mm
(.091)
10.4 mm
(.409)
A1337
0.2 mm
(.008)
3.0 mm
(.118)
9.5 mm
(.374)
20.8 mm
(.819)
A1338
0.2 mm
(.008)
3.0 mm
(.118)
9.5 mm
(.374)
0.6 mm
(.024)
A1341
3.2 mm
(.126)
12.0 mm
(.472)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com