Electronic Components Datasheet Search
  English  ▼

X  

903 Datasheet(PDF) 23 Page - HAKKO Corporation

Part # 903
Description  TIP MAINTENANCE AND CLEANING PROCEDURES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

903 Datasheet(HTML) 23 Page - HAKKO Corporation

Back Button 903 Datasheet HTML 16Page - HAKKO Corporation 903 Datasheet HTML 17Page - HAKKO Corporation 903 Datasheet HTML 18Page - HAKKO Corporation 903 Datasheet HTML 19Page - HAKKO Corporation 903 Datasheet HTML 20Page - HAKKO Corporation 903 Datasheet HTML 21Page - HAKKO Corporation 903 Datasheet HTML 22Page - HAKKO Corporation 903 Datasheet HTML 23Page - HAKKO Corporation 903 Datasheet HTML 24Page - HAKKO Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
PROBABLE CAUSES OF EARLY TIP FAILURE
HIGH LINE VOLTAGE.
–
Even though Hakko irons and stations are designed to maintain temperature with
slightly varying supply voltages, a consistently high line voltage will cause the iron to
run hot. This will reduce tip life.
LOW TIN ALLOY SOLDER.
–
The lower the tin content of your solder, the more difficult it will be to keep the tip from
‘dewetting’ (losing its protective coat of solder). Keep a roll of large diameter 63-37
solder on hand to periodically flush and re-tin the tips.
SMALL DIAMETER SOLDER.
–
In many cases, the diameter of the solder being used is too small for effective wetting
of the tips. A periodic flooding with a larger diameter solder, as mentioned above, will
do the trick.
DIFFERENCES IN FLUX ACTIONS.
(RA, RMA, water soluble, ‘No Clean’ etc.)...
–
The more active the flux, the more frequently the tip needs to be cleaned. Oxidation
forms at a much higher rate with highly active fluxes. Please check with the solder or
flux manufacturer as to the relative activity of the flux you are using.
EXCESSIVE PRESSURE, OR THE ‘PUSHING IN’ OF HEAT.
–
Applying excessive pressure, or rubbing the tip against the joint to ‘force’ heat in, will
destroy the tip faster than normal contact soldering.
TIP TEMPERATURE.
–
The higher the tip temperature, the faster oxidation will form. At temperatures
exceeding 875 deg. F, the speed of oxidation is just about twice that at 700 deg. F.
– NOTE –
Tips subjected to proper maintenance and cleaning procedures should last between two to four
weeks, depending upon the temperature, tip configuration, and the job or jobs being performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com