Electronic Components Datasheet Search
  English  ▼

X  

LTM4650-1 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4650-1
Description  Dual 25A or Single 50A μModule Regulator with 0.8% DC and 3% Transient Accuracy
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650-1 Datasheet(HTML) 1 Page - Analog Devices

  LTM4650-1 Datasheet HTML 1Page - Analog Devices LTM4650-1 Datasheet HTML 2Page - Analog Devices LTM4650-1 Datasheet HTML 3Page - Analog Devices LTM4650-1 Datasheet HTML 4Page - Analog Devices LTM4650-1 Datasheet HTML 5Page - Analog Devices LTM4650-1 Datasheet HTML 6Page - Analog Devices LTM4650-1 Datasheet HTML 7Page - Analog Devices LTM4650-1 Datasheet HTML 8Page - Analog Devices LTM4650-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LTM4650-1
1
Rev. D
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
DESCRIPTION
Dual 25A or Single 50A µModule Regulator
with 0.8% DC and 3% Transient Accuracy
The LTM®4650-1A/LTM4650-1B is dual 25A or single 50A
output step-down µModule® (power module) regulator
with ±0.8% (LTM4650-1A) and ±1.5% (LTM4650-1B)
total DC output error with ±3% transient output error.
Included in the package are the switching controller,
power FETs, inductors, and all supporting components.
External compensation allows for fast transient response
to minimize output capacitance when powering FPGAs,
ASICs, and processors. With synchronized multiphase
parallel current sharing, six LTM4650-1 devices can
deliver up to 300A.
The LTM4650-1 is offered in a 16mm × 16mm × 5.01
BGA package, with SnPb (BGA) or RoHS compliant
terminal finish.
FEATURES
APPLICATIONS
n
±0.8% Maximum Total DC Output Error Over Line
and Load (LTM4650-1A)
n
±3% Transient Output Error with Minimum
Output Capacitance
n
Dual 25A or Single 50A Output
n
4.5V to 15V Input, 0.6V to 1.8V Output Voltage Range
n
Differential Remote Sense Amplifier
n
Current Mode Control/Fast Transient Response
n
Current Sharing Up to 300A
n
16mm × 16mm × 5.01mm BGA Package
n
FPGA, ASIC, µProcessor Core Voltage Regulation
n
Information, Communication Systems
1.0V Output Efficiency, fSW = 500kHz
25% Load Step Transient Response,
±3% Output Regulation Window.
12VIN, 1.0VOUT, 50A with 220μF ×6 Ceramic Cap
50A, 1.0V Output DC/DC µModule Regulator
*
46501 TA01a
LTM4650-1
VIN
220µF
CERAMIC
4V
×6
68pF
VOUT1
VFB1
VFB2
VOUTS2
COMP2
VOUT2
1.0V
50A
MODE_PLLIN
SGND
PHASMD
GND
COMP1
VOUT2
DIFFP
DIFFN
DIFFOUT
90.9k
121k
VIN
4.5V TO
15V
120k
0.1µF
22µF
25V
×4
4.7µF
TEMP
RUN1
RUN2
TRACK1
TRACK2
INTVCC
PGOOD1
PGOOD2
fSET
PINS NOT USED
IN THIS CIRCUIT:
CLKOUT
EXTVCC
SW1
SW2
VOUTS1
10k
10nF
3.24k
LOAD CURRENT (A)
0
10
20
30
40
50
65
70
75
80
85
90
95
46501 TA01b
VIN = 5V
VIN = 12V
VOUT
20mV/DIV
AC-COUPLED
LOAD STEP
10A/DIV
50µs/DIV
46501 TA01c
54mV
12.5A STEP
*SEE DEMO CIRCUIT DC2479A-B
All registered trademarks and trademarks are the property of their respective owners.


Similar Part No. - LTM4650-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4650-1 LINER-LTM4650-1 Datasheet
1Mb / 36P
40A DC/DC 關Module Regulator
LTM4650-1 LINER-LTM4650-1 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4650-1 LINER-LTM4650-1 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4650-1 LINER-LTM4650-1 Datasheet
662Kb / 36P
Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
logo
Analog Devices
LTM4650-1 AD-LTM4650-1 Datasheet
2Mb / 36P
Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
Rev. 0
More results

Similar Description - LTM4650-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4630-1 LINER-LTM4630-1_15 Datasheet
1Mb / 36P
Dual 18A or Single 36A Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650-1 LINER-LTM4650-1 Datasheet
662Kb / 36P
Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4650A LINER-LTM4650A Datasheet
2Mb / 38P
Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650A-1 LINER-LTM4650A-1 Datasheet
1Mb / 36P
Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650AEY-1 LINER-LTM4650AEY-1 Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
logo
Analog Devices
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
LTM4652 AD-LTM4652 Datasheet
4Mb / 38P
Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
Rev. 0
logo
Monolithic Power System...
MPM3690-50A MPS-MPM3690-50A Datasheet
1Mb / 28P
16V, Dual 25A or Single 50A DC/DC Power Module
Rev. 1.0 5/24/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com