Electronic Components Datasheet Search
  English  ▼

X  

LTM4650-1 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4650-1
Description  Dual 25A or Single 50A μModule Regulator with 0.8% DC and 3% Transient Accuracy
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650-1 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4650-1 Datasheet HTML 19Page - Analog Devices LTM4650-1 Datasheet HTML 20Page - Analog Devices LTM4650-1 Datasheet HTML 21Page - Analog Devices LTM4650-1 Datasheet HTML 22Page - Analog Devices LTM4650-1 Datasheet HTML 23Page - Analog Devices LTM4650-1 Datasheet HTML 24Page - Analog Devices LTM4650-1 Datasheet HTML 25Page - Analog Devices LTM4650-1 Datasheet HTML 26Page - Analog Devices LTM4650-1 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LTM4650-1
23
Rev. D
For more information www.analog.com
sink can be applied to the top of the device for excellent
heat sinking with airflow.
Figure 12 shows a temperature plot of the LTM4650-1
with 12V input, 1.0V output at 50A without heat sink and
a no airflow condition.
Safety Considerations
The LTM4650-1 modules do not provide isolation from
VIN to VOUT. There is no internal fuse. If required, a slow
blow fuse with a rating twice the maximum input cur-
rent needs to be provided to protect each unit from cata-
strophic failure. The device does support over current
protection. A temperature diode is provided for monitor-
ing internal temperature, and can be used to detect the
need for thermal shutdown that can be done by control-
ling the RUN pin.
Power Derating
The 0.9V and 1.5V power loss curves in Figure 13 and
Figure 14 can be used in coordination with the load cur-
rent derating curves in Figure 15 to Figure 22 for cal-
culating an approximate θJA thermal resistance for the
LTM4650-1 with various heat sinking and airflow condi-
tions. The power loss curves are taken at room tempera-
ture, and are increased with a 1.2 multiplicative factor
at 120°C.
APPLICATIONS INFORMATION
Figure 12. Thermal Image 12V to 1V, 50A with No Airflow and
No Heat Sink (Based on 4-Layer 101mm × 114mm PCB Board
Containing 2oz Copper on the Top, Bottom and All Internal Layers)
The derating curves are plotted with CH1 and CH2 in
parallel single output operation starting at 50A of load
with low ambient temperature. The output voltages are
0.9V and 1.5V. These are chosen to include the lower
and higher output voltage ranges for correlating the ther-
mal resistance. Thermal models are derived from several
temperature measurements in a controlled temperature
chamber along with thermal modeling analysis.
The junction temperatures are monitored while ambient
temperature is increased with and without airflow. The
power loss increase with ambient temperature change
is factored into the derating curves. The junctions are
maintained at ~120°C maximum while lowering output
current or power while increasing ambient temperature.
The decreased output current will decrease the internal
module loss as ambient temperature is increased.
The monitored junction temperature of 120°C minus the
ambient operating temperature specifies how much mod-
ule temperature rise can be allowed. As an example in
Figure 16, the load current is derated to ~35A at ~90°C
with 200LFM air but not heat sink and the power loss for
the 12V to 0.9V at 35A output is a ~5.6W loss. The 5.6W
loss is calculated with the ~4.7W room temperature loss
from the 12V to 0.9V power loss curve at 35A, and the
1.20 multiplying factor at 120°C junction temperature.
If the 90°C ambient temperature is subtracted from the
120°C junction temperature, then the difference of 30°C
divided 5.5W equals a 5.4°C/W θJA thermal resistance.
Table 2 specifies a 5.5°C/W value which is pretty close.
Table 2 and Table 3 provide equivalent thermal resistances
for 0.9V and 1.5V outputs with and without airflow and
heat sinking.
The derived thermal resistances in Table 2 and Table 3
for the various conditions can be multiplied by the calcu-
lated power loss as a function of ambient temperature to
derive temperature rise above ambient, thus maximum
junction temperature. Room temperature power loss can
be derived from the efficiency curves and adjusted with
the above ambient temperature multiplicative factors. The
printed circuit board is a 1.6mm thick 4-layer board with
2oz copper on each layer. The PCB dimensions are 101mm
× 114mm. The BGA heat sinks are listed in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com