Electronic Components Datasheet Search
  English  ▼

X  

LTM4650-1 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4650-1
Description  Dual 25A or Single 50A μModule Regulator with 0.8% DC and 3% Transient Accuracy
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650-1 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4650-1 Datasheet HTML 9Page - Analog Devices LTM4650-1 Datasheet HTML 10Page - Analog Devices LTM4650-1 Datasheet HTML 11Page - Analog Devices LTM4650-1 Datasheet HTML 12Page - Analog Devices LTM4650-1 Datasheet HTML 13Page - Analog Devices LTM4650-1 Datasheet HTML 14Page - Analog Devices LTM4650-1 Datasheet HTML 15Page - Analog Devices LTM4650-1 Datasheet HTML 16Page - Analog Devices LTM4650-1 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LTM4650-1
13
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
Output Capacitors
The LTM4650-1 is designed for low output voltage rip-
ple noise and good transient response. The bulk output
capacitors defined as COUT are chosen with low enough
effective series resistance (ESR) to meet the output volt-
age ripple and transient requirements. COUT can be a low
ESR tantalum capacitor, the low ESR polymer capacitor
or ceramic capacitor. The typical output capacitance range
for each output is from 400µF to 600µF. Additional out-
put filtering may be required by the system designer, if
further reduction of output ripples or dynamic transient
spikes is required. Table 4 shows a matrix of different
output voltages and output capacitors to minimize the
voltage droop and overshoot during a 12.5A (25%) and
25A (50%) load step transient. Table 4 optimizes total
equivalent ESR and total bulk capacitance to optimize the
transient performance. Stability criteria are considered in
the Table 4 matrix, and the Analog Devices LTpowerCAD®
design tool will be provided for stability analysis. In multi
LTM4650-1 paralleling applications, Table 4 RC compen-
sation value is still valid in terms of having one set of RC
filters on each of the paralleling modules while connecting
all the COMP, FB and VOUT pins together. See Figure 29 and
Multiphase Operation section. Multiphase operation will
reduce effective output ripple as a function of the num-
ber of phases. Application Note 77 discusses this noise
reduction versus output ripple current cancellation, but
the output capacitance should be considered carefully as
a function of stability and transient response. The Analog
Devices LTpowerCAD design tool can calculate the output
ripple reduction as the number of implemented phases
increases by N times. A small value 10Ω to 50Ω resistor
can be place in series from VOUT to the VOUTS pin to allow
for a bode plot analyzer to inject a signal into the control
loop and validate the regulator stability. The same resistor
could be place in series from VOUT to DIFFP and a bode
plot analyzer could inject a signal into the control loop and
validate the regulator stability.
Burst Mode Operation
The LTM4650-1 is capable of Burst Mode operation on
each regulator in which the power MOSFETs operate inter-
mittently based on load demand, thus saving quiescent
current. For applications where maximizing the efficiency
at very light loads is a high priority, Burst Mode operation
should be applied. Burst Mode operation is enabled with
the MODE_PLLIN pin floating. During this operation, the
peak current of the inductor is set to approximately one
third of the maximum peak current value in normal opera-
tion even though the voltage at the COMP pin indicates
a lower value. The voltage at the COMP pin drops when
the inductor’s average current is greater than the load
requirement. As the COMP voltage drops below 0.5V, the
BURST comparator trips, causing the internal sleep line
to go high and turn off both power MOSFETs.
In sleep mode, the internal circuitry is partially turned off,
reducing the quiescent current to about 450µA for each
output. The load current is now being supplied from the
output capacitors. When the output voltage drops, caus-
ing COMP to rise above 0.5V, the internal sleep line goes
low, and the LTM4650-1 resumes normal operation. The
next oscillator cycle will turn on the top power MOSFET
and the switching cycle repeats. Either regulator can be
configured for Burst Mode operation.
Pulse-Skipping Mode Operation
In applications where low output ripple and high efficiency
at intermediate currents are desired, pulse-skipping
mode should be used. Pulse-skipping operation allows
the LTM4650-1 to skip cycles at low output loads, thus
increasing efficiency by reducing switching loss. Tying
the MODE_PLLIN pin to INTVCC enables pulse-skipping
operation. At light loads the internal current compara-
tor may remain tripped for several cycles and force the
top MOSFET to stay off for several cycles, thus skipping
cycles. The inductor current does not reverse in this
mode. This mode will maintain higher effective frequen-
cies thus lower output ripple and lower noise than Burst
Mode operation. Either regulator can be configured for
pulse-skipping mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com