Electronic Components Datasheet Search
  English  ▼

X  

LTM4650-1 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM4650-1
Description  Dual 25A or Single 50A μModule Regulator with 0.8% DC and 3% Transient Accuracy
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650-1 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM4650-1 Datasheet HTML 14Page - Analog Devices LTM4650-1 Datasheet HTML 15Page - Analog Devices LTM4650-1 Datasheet HTML 16Page - Analog Devices LTM4650-1 Datasheet HTML 17Page - Analog Devices LTM4650-1 Datasheet HTML 18Page - Analog Devices LTM4650-1 Datasheet HTML 19Page - Analog Devices LTM4650-1 Datasheet HTML 20Page - Analog Devices LTM4650-1 Datasheet HTML 21Page - Analog Devices LTM4650-1 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
LTM4650-1
18
Rev. D
For more information www.analog.com
Figure 9. Output Coincident Tracking Waveform
TIME
MAIN OUTPUT
SUBORDINATE OUTPUT
46501 F09
APPLICATIONS INFORMATION
track with the main until it reaches its final value. The
main will continue to its final value from the subordinate’s
regulation point. Voltage tracking is disabled when VTRACK
is more than 0.6V. RTA in Figure 8 will be equal to the RFB
for coincident tracking. Figure 9 shows the coincident
tracking waveforms.
operation, the LTM4650-1 is forced into continuous mode
operation as soon as VFB is below 0.54V regardless of the
setting on the MODE_PLLIN pin.
Ratiometric tracking can be achieved by a few simple
calculations and the slew rate value applied to the main’s
TRACK pin. As mentioned above, the TRACK pin has a
control range from 0 to 0.6V. The main’s TRACK pin slew
rate is directly equal to the main’s output slew rate in
Volts/Time. The equation:
MR
SR
• 60.4k = RTB
where MR is the main’s output slew rate and SR is the
subordinate’s output slew rate in Volts/Time. When coin-
cident tracking is desired, then MR and SR are equal,
thus RTB is equal the 60.4k. RTA is derived from equation:
RTA =
0.6V
VFB
60.4k
+
VFB
RFB
−
VTRACK
RTB
where VFB is the feedback voltage reference of the regula-
tor, and VTRACK is 0.6V. Since RTB is equal to the 60.4k
top feedback resistor of the subordinate regulator in equal
slew rate or coincident tracking, then RTA is equal to RFB
with VFB = VTRACK. Therefore RTB = 60.4k, and RTA = 60.4k
in Figure 8.
In ratiometric tracking, a different slew rate maybe desired
for the subordinate regulator. RTB can be solved for when
SR is slower than MR. Make sure that the subordinate
supply slew rate is chosen to be fast enough so that the
subordinate output voltage will reach it final value before
the main output.
For example, MR = 1.5V/1ms, and SR = 1.2V/1ms. Then
RTB = 76.8k. Solve for RTA to equal to 49.9k.
Each of the TRACK pins will have the 1.3µA current source
on when a resistive divider is used to implement tracking
on that specific channel. This will impose an offset on the
TRACK pin input. Smaller values resistors with the same
ratios as the resistor values calculated from the above
equation can be used. For example, where the 60.4k is
used then a 6.04k can be used to reduce the TRACK pin
offset to a negligible value.
The TRACK pin of the main can be controlled by a capaci-
tor placed on the main regulator TRACK pin to ground. A
1.3µA current source will charge the TRACK pin up to the
reference voltage and then proceed up to INTVCC. After
the 0.6V ramp, the TRACK pin will no longer be in con-
trol, and the internal voltage reference will control output
regulation from the feedback divider. Foldback current
limit is disabled during this sequence of turn-on during
tracking or soft-starting. The TRACK pins are pulled low
when the RUN pin is below 1.2V. The total soft-start time
can be calculated as:
tSOFT-START =
CSS
1.3µA
• 0.6
Regardless of the mode selected by the MODE_PLLIN
pin, the regulator channels will always start in pulse-
skipping mode up to TRACK = 0.5V. Between TRACK =
0.5V and 0.54V, it will operate in forced continuous mode
and revert to the selected mode once TRACK > 0.54V. In
order to track with another channel once in steady state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com