Electronic Components Datasheet Search
  English  ▼

X  

MAX5035 Datasheet(PDF) 8 Page - Analog Devices

Part # MAX5035
Description  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX5035 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX5035 Datasheet HTML 4Page - Analog Devices MAX5035 Datasheet HTML 5Page - Analog Devices MAX5035 Datasheet HTML 6Page - Analog Devices MAX5035 Datasheet HTML 7Page - Analog Devices MAX5035 Datasheet HTML 8Page - Analog Devices MAX5035 Datasheet HTML 9Page - Analog Devices MAX5035 Datasheet HTML 10Page - Analog Devices MAX5035 Datasheet HTML 11Page - Analog Devices MAX5035 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
Typical Operating Characteristics (continued)
(VIN = 12V, VON/OFF = 12V, TA = -40
°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. See the Typical
Application Circuit, if applicable.)
MAX5035DASA LX WAVEFORMS
MAX5035 toc22
4
µs/div
B
A
A: SWITCH VOLTAGE (LX PIN), 20V/div (VIN = 48V)
B: INDUCTOR CURRENT, 200mA/div (IOUT = 0)
0
0
MAX5035DASA STARTUP WAVEFORM
(IO = 0)
MAX5035 toc23
1ms/div
B
A
A: VON/OFF, 2V/div
B: VOUT, 2V/div
0
0
MAX5035DASA STARTUP WAVEFORM
(IO = 1A)
MAX5035 toc24
1ms/div
B
A
A: VON/OFF, 2V/div
B: VOUT, 2V/div
0
0
PEAK SWITCH CURRENT LIMIT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
56
66
46
36
26
16
1.0
1.5
2.0
2.5
3.0
0.5
676
MAX5035DASA
VOUT = 5V
5% DROP IN VOUT
MAX5035
8
Maxim Integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com