Electronic Components Datasheet Search
  English  ▼

X  

MAX5035 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX5035
Description  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX5035 Datasheet(HTML) 3 Page - Analog Devices

  MAX5035 Datasheet HTML 1Page - Analog Devices MAX5035 Datasheet HTML 2Page - Analog Devices MAX5035 Datasheet HTML 3Page - Analog Devices MAX5035 Datasheet HTML 4Page - Analog Devices MAX5035 Datasheet HTML 5Page - Analog Devices MAX5035 Datasheet HTML 6Page - Analog Devices MAX5035 Datasheet HTML 7Page - Analog Devices MAX5035 Datasheet HTML 8Page - Analog Devices MAX5035 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
ELECTRICAL CHARACTERISTICS (continued) (MAX5035_U_ _)
(VIN = +12V, VON/OFF = +12V, IOUT = 0, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C. See the
Typical Application Circuit.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Switch Leakage Current
IOL
VIN = 76V, VON/OFF = 0V, VLX = 0V
0.01
1
µA
Switch On-Resistance
RDS(ON)
ISWITCH = 1A
0.40
0.80
Ω
PFM Threshold
IPFM
Minimum switch current in any cycle
55
85
130
mA
FB Input Bias Current
IB
MAX5035D/E
-150
+0.01
+150
nA
ON/
OFF CONTROL INPUT
Rising trip point for MAX5035A/B/C/D
1.53
1.69
1.85
ON/OFF Input-Voltage Threshold
VON/OFF
Rising trip point for MAX5035E
1.40
1.65
1.90
V
ON/OFF Input-Voltage Hysteresis
VHYST
100
mV
ON/OFF Input Current
ION/OFF
VON/OFF = 0V to VIN
10
150
nA
ON/OFF Operating Voltage
Range
VON/OFF
76
V
OSCILLATOR
Oscillator Frequency
fOSC
109
125
135
kHz
Maximum Duty Cycle
DMAX
MAX5035D/E
95
%
VOLTAGE REGULATOR
Regulator Output Voltage
VD
VIN = 8.5V to 76V, IL = 0
6.9
7.8
8.8
V
Dropout Voltage
7.5V
≤ VIN ≤ 8.5V, IL = 1mA
2.0
V
Load Regulation
∆VD/∆IVD 0 to 5mA
150
Ω
PACKAGE THERMAL CHARACTERISTICS
SO package (JEDEC 51)
170
Thermal Resistance
(Junction to Ambient)
θJA
DIP package (JEDEC 51)
110
°C/W
THERMAL SHUTDOWN
Thermal-Shutdown Junction
Temperature
TSH
+160
°C
Thermal-Shutdown Hysteresis
THYST
20
°C
ELECTRICAL CHARACTERISTICS (MAX5035_A_ _)
(VIN = +12V, VON/OFF = +12V, IOUT = 0, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. See
the
Typical Application Circuit.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX5035A
7.5
76.0
MAX5035B
7.5
76.0
MAX5035C
15
76
Input Voltage Range
VIN
MAX5035D/E
7.5
76.0
V
Undervoltage Lockout
UVLO
5.2
V
MAX5035A
VIN = 7.5V to 76V,
IOUT = 20mA to 1A
3.185
3.3
3.415
MAX5035B
VIN = 7.5V to 76V,
IOUT = 20mA to 1A
4.825
5.0
5.175
Output Voltage
VOUT
MAX5035C
VIN = 15V to 76V,
IOUT = 20mA to 1A
11.58
12
12.42
V
MAX5035
Maxim Integrated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com