Electronic Components Datasheet Search
  English  ▼

X  

MAX5035 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX5035
Description  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX5035 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX5035 Datasheet HTML 9Page - Analog Devices MAX5035 Datasheet HTML 10Page - Analog Devices MAX5035 Datasheet HTML 11Page - Analog Devices MAX5035 Datasheet HTML 12Page - Analog Devices MAX5035 Datasheet HTML 13Page - Analog Devices MAX5035 Datasheet HTML 14Page - Analog Devices MAX5035 Datasheet HTML 15Page - Analog Devices MAX5035 Datasheet HTML 16Page - Analog Devices MAX5035 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
ground configuration). A ground plane is required.
Minimize lead lengths to reduce stray capacitance,
trace resistance, and radiated noise. In particular,
place the Schottky rectifier diode right next to the
device. Also, place BST and VD bypass capacitors
very close to the device. Use the PC board copper
plane connecting to VIN and LX for heatsinking.
MAX5035
GND
BST
LX
VIN
SGND
FB
D1
VD
L1
VOUT
VIN
CIN
0.1
µF
0.1
µF
COUT
R1
R2
ON/OFF
Figure 2. Fixed Output Voltages
VIN (V)
VOUT (V)
IOUT (A)
EXTERNAL COMPONENTS
7.5 to 76
3.3
0.5
7.5 to 76
3.3
1
CIN = 68µF, Panasonic, EEVFK2A680Q
COUT = 68µF, Vishay Sprague, 594D686X_010C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 384k
Ω ±1%, 0805
D1 = 50SQ100, IR
L1 = 100µH, Coilcraft Inc., DO5022P-104
7.5 to 76
5
0.5
7.5 to 76
5
1
CIN = 68µF, Panasonic, EEVFK2A680Q
COUT = 68µF, Vishay Sprague, 594D68X_010C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 384k
Ω ±1%, 0805
D1 = 50SQ100, IR
L1 = 100µH, Coilcraft Inc., DO5022P-104
15 to 76
12
1
CIN = 68µF, Panasonic, EEVFK2A680Q
COUT = 15µF, Vishay Sprague, 594D156X0025C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 139k
Ω ±1%, 0805
D1 = 50SQ100, IR
L1 = 220µH, Coilcraft Inc., DO5022P-224
Table 2. Typical External Components Selection (Circuit of Figure 2)
Application Circuits
MAX5035
Maxim Integrated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com