Electronic Components Datasheet Search
  English  ▼

X  

MAX5035 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX5035
Description  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX5035 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX5035 Datasheet HTML 5Page - Analog Devices MAX5035 Datasheet HTML 6Page - Analog Devices MAX5035 Datasheet HTML 7Page - Analog Devices MAX5035 Datasheet HTML 8Page - Analog Devices MAX5035 Datasheet HTML 9Page - Analog Devices MAX5035 Datasheet HTML 10Page - Analog Devices MAX5035 Datasheet HTML 11Page - Analog Devices MAX5035 Datasheet HTML 12Page - Analog Devices MAX5035 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
Pin Description
PIN
NAME
FUNCTION
1
BST
Boost Capacitor Connection. Connect a 0.1µF ceramic capacitor from BST to LX.
2
VD
Internal Regulator Output. Bypass VD to GND with a 0.1µF ceramic capacitor.
3
SGND
Internal Connection. SGND must be connected to GND.
4FB
Output Sense Feedback Connection. For fixed output voltage (MAX5035A, MAX5035B, MAX5035C),
connect FB to VOUT. For adjustable output voltage (MAX5035D, MAX5035E), use an external resistive
voltage-divider to set VOUT. VFB regulating set point is 1.22V.
5
ON/
OFF
Shutdown Control Input. Pull ON/
OFF low to put the device in shutdown mode. Drive ON/OFF high for
normal operation.
6
GND
Ground
7VIN
Input Voltage. Bypass VIN to GND with a low ESR capacitor as close to the device as possible.
8
LX
Source Connection of Internal High-Side Switch
ENABLE
LX
BST
VIN
ON/OFF
VREF
REGULATOR
(FOR DRIVER)
REGULATOR
(FOR ANALOG)
OSC
RAMP
HIGH-SIDE
CURRENT
SENSE
IREF-PFM
IREF-LIM
CPFM
1.69V
CILIM
FB
x1
VREF
EAMP
CONTROL
LOGIC
CPWM
VD
GND
Rh
Rl
CLK
SGND
MAX5035
TYPE 3
COMPENSATION
THERMAL
SHUTDOWN
RAMP
Block Diagram
MAX5035
Maxim Integrated
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com