Electronic Components Datasheet Search
  English  ▼

X  

1MT2-5. Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 1MT2-5.
Description  MICRO SWITCH Miniature Toggle Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1MT2-5. Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  1MT2-5. Datasheet HTML 1Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 sensing.honeywell.com
MICRO SWITCH Miniature Toggle Switches, MT Series
Table 1. Specifications
Characteristic
Parameter
Description
miniature, commercial-grade toggle switch
Sealing
IEC 60529-2001, IP67, IP68 (except terminal parts)
Operating temperature
-40 °C to 85 °C [-40 °F to 185 °F]
Actuators
industry standard polished lever
Action
2- or 3-position; momentary and maintained
Mounting
bushing 15/32 in (0.47 in) Ø
Circuitry
UL 61058-1, SPST, SPDT, DPST, DPDT
Terminations
solder
Contacts
silver alloy, gold plated
Amp rating
5 A, 28 Vdc with silver contacts
100 mA, 28 Vdc with gold-plated contacts
Electrical life
60K cycles (SPDT, silver alloy and gold-plated contacts)
25K cycles @ 5 A, 28 Vdc (DPDT, silver alloy contacts)
60K cycles @ 100 mA, 28 Vdc (DPDT, gold-plated contacts)
Mechanical life
100 K cycles
Initial dielectric strength
UL 61058-1, 500 Vdc, 10 mA/1 minute between open terminals
Salt spray
SAE J1455, duration 96 hours without red rust
Vibration
UL 60068-2-6, 10 Hz to 500 Hz, 10 G, duration two hours each direction
Solder ability
UL 61058-1, 350 °C ±10 °C, 3 seconds
Approvals
UL, CE
Measurement
26,7 mm H x 20 mm W x 15 mm D [1.05 in H x 0.79 in W x 0.59 in D]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com