Electronic Components Datasheet Search
  English  ▼

X  

1MT2-5. Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # 1MT2-5.
Description  MICRO SWITCH Miniature Toggle Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1MT2-5. Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  1MT2-5. Datasheet HTML 1Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
MICRO SWITCH Miniature Toggle Switches
MT Series
DESCRIPTION
Honeywell MICRO SWITCH MT Series miniature toggle
switches are designed to meet the need for a rugged, cost-
effective toggle switch. Quality construction features include
a seal between the toggle lever and bushing, and between
the cover and case. These switches are designed for use in
applications in many demanding outdoor environments, where
the panels are subjected to such things as vibration from
equipment, temperature extremes, dust, splashing water, and/
or hose directed water.
They are capable of withstanding exposure to heavy
accumulations of early morning dew that may condense on
the control panel in cabs of vehicles left outdoors overnight.
The MT toggle switches with metal or plastic levers are well
suited for gloved-hand operation.
The panel stand-off with O-ring feature available on some
listings eliminates the need for behind-the-panel hardware,
provides a uniform panel height, and a panel-to-cover seal.
VALUE TO CUSTOMERS
• Spring-loaded mechanism provides enhanced tactile
feedback for toggle switch lever
• High sealing level and electrical life cycle enable more
uptime in field installations which helps in keeping
machines working longer with less downtime
• Small size allows for smaller control box/panel size to reduce
weight and operator fatigue
FEATURES
• Miniature behind-panel size (case) enables overall control
box or panel use
• IEC 60529-2001, IP67, IP68 (except terminal parts) sealing
for harsh-duty applications
• Up to 60,000 electrical life that enhances the use time
• Available with 8 circuitry options
• 2- or 3- position maintained and momentary action to meet
circuit and actuator requirements
• UL recognized, CE certified for global use
POTENTIAL APPLICATIONS
Remote control box of
• Concrete pumping
• Cranes
• Material handling
• Boom trucks
• Any application with small panel constraints
DIFFERENTIATION
• 60K life cycle offers an enhanced application life, keeping
maintenance, replacement, and refurbishment at a
minimum
• High seal rating (IP68) to protect the toggle from water
ingress and support more equipment uptime
PORTFOLIO
Honeywell offers an extensive line of MICRO SWITCH toggle
switches, including the following Series: TL, NT, TW, TS, AT,
and ET.
Sensing and Internet of Things
005437
Issue 1


Similar Part No. - 1MT2-5.

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1MT201210-1R0MF ACCETEK-1MT201210-1R0MF Datasheet
306Kb / 8P
High Current Shielded Power Inductor
1MT201210-R33MF ACCETEK-1MT201210-R33MF Datasheet
306Kb / 8P
High Current Shielded Power Inductor
1MT201210-R47MF ACCETEK-1MT201210-R47MF Datasheet
306Kb / 8P
High Current Shielded Power Inductor
1MT201210-R68MF ACCETEK-1MT201210-R68MF Datasheet
306Kb / 8P
High Current Shielded Power Inductor
1MT201610-1R0MF ACCETEK-1MT201610-1R0MF Datasheet
306Kb / 8P
High Current Shielded Power Inductor
More results

Similar Description - 1MT2-5.

ManufacturerPart #DatasheetDescription
logo
C&K Components
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
TOGGLE SWITCHES - MINIATURE
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
Miniature Toggle Switches
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
C&K Components
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
Miniature Toggle Switches
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
Miniature Toggle Switches
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
Miniature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com