Electronic Components Datasheet Search
  English  ▼

X  

1MT2-5. Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # 1MT2-5.
Description  MICRO SWITCH Miniature Toggle Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1MT2-5. Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  1MT2-5. Datasheet HTML 1Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Sensing and Internet of Things
3
MICRO SWITCH Miniature Toggle Switches, MT Series
Table 2. MT Series: Single Pole Order Guide
No. of
Poles
Circuits Made with Toggle At:
Catalog LIsting
Catalog Listing
Keyway Side (1-2)
Center Position (1-2) Opposite Keyway
(2-3)
Silver Alloy Contacts
(5 A, 28 Vdc)
Gold-Plated
Contacts
(100 mA, 28 Vdc)
1
ON
OFF
ON
1MT1-1
1MT2-1
OFF
–
ON
1MT1-2
1MT2-2
ON
–
ON
1MT1-3
1MT2-3
OFF*
–
ON
1MT1-4
1MT2-4
ON*
OFF
ON
1MT1-5
1MT2-5
ON*
–
OFF
1MT1-6
1MT2-6
ON*
OFF
ON*
1MT1-7
1MT2-7
ON*
–
ON
1MT1-8
1MT2-8
* These positions are momentary. All others are maintained.
Table 3. MT Series: Double Pole Order Guide
No. of
Poles
Circuits Made with Toggle At:
Catalog LIsting
Catalog Listing
Keyway Side
(1-2, 4-5)
Center Position
(1-2, 4-5)
Opposite Keyway
(2-3, 5-6)
Silver Alloy Contacts
(5 A, 28 Vdc)
Gold-Plated
Contacts
(100 mA, 28 Vdc)
2
ON
OFF
ON
2MT1-1
2MT2-1
OFF
–
ON
2MT1-2
2MT2-2
ON
–
ON
2MT1-3
2MT2-3
OFF*
–
ON
2MT1-4
2MT2-4
ON*
OFF
ON
2MT1-5
2MT2-5
ON*
–
OFF
2MT1-6
2MT2-6
ON*
OFF
ON*
2MT1-7
2MT2-7
ON*
–
ON
2MT1-8
2MT2-8
* These positions are momentary. All others are maintained.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com