Electronic Components Datasheet Search
  English  ▼

X  

1MT2-5. Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # 1MT2-5.
Description  MICRO SWITCH Miniature Toggle Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1MT2-5. Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  1MT2-5. Datasheet HTML 1Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1MT2-5. Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 sensing.honeywell.com
MICRO SWITCH Miniature Toggle Switches, MT Series
Figure 1. DImensions mm [in]
4 rivits used to
lock cover and housing
11,02
[0.434]
4 rivits used to
lock cover and housing
6,1
[0.24]
27° ±7°
total travel
2X 30° ±3°
Sealed to prevent
entrance of liquids or dust
15/32-32 UNS-2A thread
to within 1,52 [0.06] of shoulder
Keyway
Soldering terminal
Ø 1,22
[Ø 0.048]
2,03 [0.08]
16,87
[0.664]
11,96
[0.471]
19,5
[0.768]
5,23
[0.206]
0,05 [0.019]
2,79 [0.11]
5,08 [0.20]
6,1
[0.35]
4,47 [0.176]
5,59
[0.22]
4,45
[0.175]
14,55
[0.573]
19,05[0.75]
2-Pole Switch
19,05[0.75]
6,1
[0.35]
5,08 [0.20]
14,55
[0.57]
7,29
[0.287]
4,44 [0.175]
1-Pole Switch
Figure 2. Panel Cutout
11,43
[0.45]
Ø 12,45
[Ø 0.49]
Panel Cut-out



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com