Electronic Components Datasheet Search
  English  ▼

X  

M2006-02A Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # M2006-02A
Description  VCSO BASED FEC CLOCK PLL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2006-02A Datasheet(HTML) 6 Page - Integrated Circuit Systems

  M2006-02A Datasheet HTML 1Page - Integrated Circuit Systems M2006-02A Datasheet HTML 2Page - Integrated Circuit Systems M2006-02A Datasheet HTML 3Page - Integrated Circuit Systems M2006-02A Datasheet HTML 4Page - Integrated Circuit Systems M2006-02A Datasheet HTML 5Page - Integrated Circuit Systems M2006-02A Datasheet HTML 6Page - Integrated Circuit Systems M2006-02A Datasheet HTML 7Page - Integrated Circuit Systems M2006-02A Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
M2006-02A Datasheet Rev 1.0
6 of 8
Revised 28Jul2004
I n teg r at ed Circuit Systems , Inc. ● Netw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● te l (5 08 ) 8 5 2 - 54 00
Integrated
Circuit
Systems, Inc.
M2006-02A
VCSO BASED FEC CLOCK PLL
Prod uct Data Sh eet
ELECTRICAL SPECIFICATIONS
RECOMMENDED CONDITIONS OF OPERATION
Symbol Parameter
Min
Typ
Max
Unit
V
CC
Positive Supply Voltage
3.135
3.3
3.465
V
T
A
Ambient Operating Temperature
Commercial
0
+70
oC
Industrial
-40
+85
oC
Table 10: Recommended Conditions of Operation
DC Characteristics
Unless stated otherwise, V
CC = 3.3V +5%,TA = 0
oC to +70 oC (commercial), T
A = -40
oC to +85 oC (industrial), F
VCSO = FOUT = 622-675MHz,
LVPECL outputs terminated with 50
Ω to V
CC - 2V
Symbol Parameter
Min
Typ
Max Unit Conditions
Power Supply V
CC
Positive Supply Voltage
3.135
3.3
3.465
V
I
CC
Power Supply Current
175
225
mA
All
Differential
Inputs
V
P
-P
Peak to Peak Input Voltage
DIF_REF0, nDIF_REF0,
DIF_REF1, nDIF_REF1
0.15
V
V
CMR
Common Mode Input
0.5
Vcc - .85 V
C
IN
Input Capacitance
4
pF
Differential
Inputs with
Pull-down
I
IH
Input High Current (Pull-down)
DIF_REF0, DIF_REF1
150
µA
V
CC = VIN =
3.456V
I
IL
Input Low Current (Pull-down)
-5
µA
Rpulldown Internal Pull-down Resistance
50
k
Ω
Differential
Inputs with
Pull-up
I
IH
Input High Current (Pull-up)
nDIF_REF0, nDIF_REF1
5
µA
V
IN =
0 to 3.456V
I
IL
Input Low Current (Pull-up)
-150
µA
Rpullup
Internal Pull-up Resistance
50
k
Ω
All LVCMOS
/ LVTTL
Inputs
V
IH
Input High Voltage
REF_SEL, FIN_SEL1, FIN_SEL0,
FEC_SEL3, FEC_SEL2,
FEC_SEL1, FEC_SEL0,
P1_SEL, P0_SEL
2
Vcc + 0.3 V
V
IL
Input Low Voltage
-0.3
0.8
V
C
IN
Input Capacitance
4
pF
LVCMOS /
LVTTL
Inputs with
Pull-down
I
IH
Input High Current (Pull-down)
REF_SEL, FIN_SEL1, FIN_SEL0,
P1_SEL, P0_SEL
150
µA
V
CC = VIN =
3.456V
I
IL
Input Low Current (Pull-down)
-5
µA
Rpulldown Internal Pull-down Resistance
50
k
Ω
LVCMOS /
LVTTL
Inputs with
Pull-up
I
IH
Input High Current (Pull-up)
FEC_SEL3, FEC_SEL2,
FEC_SEL1, FEC_SEL0
5
µA
V
CC = 3.456V
V
IN = 0 V
I
IL
Input Low Current (Pull-up)
-150
µA
Rpullup
Internal Pull-up Resistance
50
k
Ω
Differential
Outputs
V
OH
Output High Voltage
FOUT0, nFOUT0,
FOUT1, nFOUT1
Vcc - 1.4
Vcc - 1.0 V
V
OL
Output Low Voltage
Vcc - 2.0
Vcc - 1.7 V
V
P
-P
Peak to Peak Output Voltage 1
Note 1: Single-ended measurement. See Figure 5, Output Rise and Fall Time, on pg. 7.
0.4
0.85
V
Table 11: DC Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com