Electronic Components Datasheet Search
  English  ▼

X  

DC048B Datasheet(PDF) 1 Page - Vicor Corporation

Part # DC048B
Description  48 V Input DC-DC Converter Modules
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DC048B Datasheet(HTML) 1 Page - Vicor Corporation

  DC048B Datasheet HTML 1Page - Vicor Corporation DC048B Datasheet HTML 2Page - Vicor Corporation DC048B Datasheet HTML 3Page - Vicor Corporation DC048B Datasheet HTML 4Page - Vicor Corporation DC048B Datasheet HTML 5Page - Vicor Corporation DC048B Datasheet HTML 6Page - Vicor Corporation DC048B Datasheet HTML 7Page - Vicor Corporation DC048B Datasheet HTML 8Page - Vicor Corporation DC048B Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
VI Brick / 48V Input DC-DC Converter Modules
vicorpower.com
Rev. 1.0
Page 1 of 21
Output Voltage
Output Power (W)
Current (A)
Efficiency (%)
Part Numbering
1.0 Vdc
100
100
85
DC048B
010
010
1.5 Vdc
120
80
87
DC048B
015
012
1.8 Vdc
144
80
89
DC048B
018
014
2.5 Vdc
175
70
90
DC048B
025
017
3.0 Vdc
180
60
91
DC048B
030
018
3.3 Vdc
165
50
91
DC048B
033
016
5 Vdc
180
36
91
DC048B
050
018
10 Vdc
180
18
92
DC048B
100
018
12 Vdc
220
18.33
92
DC048B
120
022
15 vdc
200
13.33
92
DC048B
150
020
24 Vdc
220
9.17
92
DC048B
240
022
28 Vdc
190
6.79
92
DC048B
280
019
48 Vdc
220
4.58
93
DC048B
480
022
Product Grade Temperatures (°C)
Grade
Operating
Storage
T =
–40 to +100
–40 to +125
M =
–55 to +100
–65 to +125
Baseplate
F = Slotted flange
T = Longitudinal heat sink[a]
[a] Contact factory
Pin Style
P = Through hole
48 V Input DC-DC Converter Modules
Product Overview
VI Brick DC-DC converters use advanced Sine Amplitude Converter
TM (SACTM)
technology, thermally enhanced packaging technologies, and advanced CIM
processes to provide high power density and efficiency, superior transient
response, and improved thermal management. The high speed 3.5 MHz, zero
current switching–zero voltage switching (ZCS–ZVS) design enables efficient and
low noise operation throughout the operating range.
Product Selection: 36 – 75 V DC Input Range
Applications
•
Communications
•
Distributed power
•
ATE
•
Defense
•
Aerospace
•
Medical
•
And other applications requiring
high efficiency
• DC input range: 36 – 75 V
• Efficiency: Up to 93%
• DC output: 1 – 48 V
• Maximum operating temp:
100°C, full load
• Isolated output
• Low noise: Sine Amplitude Converter
TM
(SAC
TM) technology
• Highly efficient:
ZCS/ZVS switching
• Fast dynamic response
• Low profile:
0.37 in. (9.5 mm)
• RoHS Compliant
• Power density up to 145 W/in3
• Agency approvals
Features
Size:
2.19 x 1.91 x 0.37 in
55,7 x 48,6 x 9,5 mm


Similar Part No. - DC048B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
DC048B015T012FP VICOR-DC048B015T012FP Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
DC048B018T014FP VICOR-DC048B018T014FP Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
DC048B025T017FP VICOR-DC048B025T017FP Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
DC048B030T018FP VICOR-DC048B030T018FP Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
More results

Similar Description - DC048B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3400 TI-PT3400 Datasheet
284Kb / 13P
35-W 48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
20-W 48-V Input Isolated DC/DC Converter
PT4410 TI-PT4410 Datasheet
243Kb / 10P
100-Watt 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
20-W 48-V Input Isolated DC/DC Converter
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
logo
Texas Instruments
PT4562C TI-PT4562C Datasheet
436Kb / 12P
30-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
30-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
20-W 48-V Input Isolated DC/DC Converter
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com