Electronic Components Datasheet Search
  English  ▼

X  

DC048B Datasheet(PDF) 21 Page - Vicor Corporation

Part # DC048B
Description  48 V Input DC-DC Converter Modules
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DC048B Datasheet(HTML) 21 Page - Vicor Corporation

Back Button DC048B Datasheet HTML 13Page - Vicor Corporation DC048B Datasheet HTML 14Page - Vicor Corporation DC048B Datasheet HTML 15Page - Vicor Corporation DC048B Datasheet HTML 16Page - Vicor Corporation DC048B Datasheet HTML 17Page - Vicor Corporation DC048B Datasheet HTML 18Page - Vicor Corporation DC048B Datasheet HTML 19Page - Vicor Corporation DC048B Datasheet HTML 20Page - Vicor Corporation DC048B Datasheet HTML 21Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
VI Brick / 48V Input DC-DC Converter Modules
vicorpower.com
Rev. 1.0
3/08
Vicor Corporation
25 Frontage Road
Andover, MA, USA 01810
Tel: 800-735-6200
Fax: 978-475-6715
email
Customer Service: custserv@vicorpower.com
Technical Support: apps@vicorpower.com
Warranty
Vicor products are guaranteed for two years from date of shipment against defects in material or workmanship when in
normal use and service. This warranty does not extend to products subjected to misuse, accident, or improper application
or maintenance. Vicor shall not be liable for collateral or consequential damage. This warranty is extended to the original
purchaser only.
EXCEPT FOR THE FOREGOING EXPRESS WARRANTY, VICOR MAKES NO WARRANTY, EXPRESS OR IMPLIED, INCLUDING,
BUT NOT LIMITED TO, THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE.
Vicor will repair or replace defective products in accordance with its own best judgement. For service under this warranty,
the buyer must contact Vicor to obtain a Return Material Authorization (RMA) number and shipping instructions. Products
returned without prior authorization will be returned to the buyer. The buyer will pay all charges incurred in returning
the product to the factory. Vicor will pay all reshipment charges if the product was defective within the terms of this
warranty.
Information published by Vicor has been carefully checked and is believed to be accurate; however, no responsibility is
assumed for inaccuracies. Vicor reserves the right to make changes to any products without further notice to improve
reliability, function, or design. Vicor does not assume any liability arising out of the application or use of any product or
circuit; neither does it convey any license under its patent rights nor the rights of others. Vicor general policy does not
recommend the use of its components in life support applications wherein a failure or malfunction may directly threaten
life or injury. Per Vicor Terms and Conditions of Sale, the user of Vicor components in life support applications assumes
all risks of such use and indemnifies Vicor against all damages.
Vicor’s comprehensive line of power solutions includes high density AC-DC and
DC-DC modules and accessory components, fully configurable AC-DC and DC-DC
power supplies, and complete custom power systems.
Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is assumed by Vicor for
its use. Vicor components are not designed to be used in applications, such as life support systems, wherein a failure or
malfunction could result in injury or death. All sales are subject to Vicor’s Terms and Conditions of Sale, which are available
upon request.
Specifications are subject to change without notice.
Intellectual Property Notice
Vicor and its subsidiaries own Intellectual Property (including issued U.S. and Foreign Patents and pending patent
applications) relating to the products described in this data sheet. Interested parties should contact Vicor's
Intellectual Property Department.
The products described on this data sheet are protected by the following U.S. Patents Numbers:
5,945,130; 6,403,009; 6,710,257; 6,788,033; 6,940,013; 6,969,909; 7,038,917; 7,154,250; 7,166,898;
7,187,263; 7,202,646; D496,906; D506,438; D509,472; 6,911,848; 6,930,893; 6,934,166; 7,145,186;
D505,114; and for use under 6,975,098 and 6,984,965



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com