Electronic Components Datasheet Search
  English  ▼

X  

DC048B Datasheet(PDF) 4 Page - Vicor Corporation

Part # DC048B
Description  48 V Input DC-DC Converter Modules
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DC048B Datasheet(HTML) 4 Page - Vicor Corporation

  DC048B Datasheet HTML 1Page - Vicor Corporation DC048B Datasheet HTML 2Page - Vicor Corporation DC048B Datasheet HTML 3Page - Vicor Corporation DC048B Datasheet HTML 4Page - Vicor Corporation DC048B Datasheet HTML 5Page - Vicor Corporation DC048B Datasheet HTML 6Page - Vicor Corporation DC048B Datasheet HTML 7Page - Vicor Corporation DC048B Datasheet HTML 8Page - Vicor Corporation DC048B Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
VI Brick / 48V Input DC-DC Converter Modules
vicorpower.com
Rev. 1.0
Page 4 of 21
Parameter
Min
Typ
Max
Unit
Notes
In to out
2,250
Vdc
Test voltage, complies with basic insulation requirements
Isolation voltage
In to base
2,250
Vdc
Test voltage, complies with basic insulation requirements
Out to base
707
Vdc
Test voltage, complies with operational insulation requirements
Isolation resistance (in to out)
10
megohms
Weight
2.19
ounces
62.14
grams
Thermal protection
125
130
135
°C
Junction temperature, with automatic recovery
Agency approvals
cTÜVus, CE
UL60950-1, CSA0950-1, EN60950-1, IEC60950-1.
With appropriate fuse in series with the +Input
Note: Specifications are subject to change without notice.
MODULE FAMILY ELECTRICAL CHARACTERISTICS (CONT.)
General Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com