Electronic Components Datasheet Search
  English  ▼

X  

DC048B Datasheet(PDF) 19 Page - Vicor Corporation

Part # DC048B
Description  48 V Input DC-DC Converter Modules
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DC048B Datasheet(HTML) 19 Page - Vicor Corporation

Back Button DC048B Datasheet HTML 13Page - Vicor Corporation DC048B Datasheet HTML 14Page - Vicor Corporation DC048B Datasheet HTML 15Page - Vicor Corporation DC048B Datasheet HTML 16Page - Vicor Corporation DC048B Datasheet HTML 17Page - Vicor Corporation DC048B Datasheet HTML 18Page - Vicor Corporation DC048B Datasheet HTML 19Page - Vicor Corporation DC048B Datasheet HTML 20Page - Vicor Corporation DC048B Datasheet HTML 21Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
VI Brick / 48V Input DC-DC Converter Modules
vicorpower.com
Rev. 1.0
Page 19 of 21
4.7 µF
Ceramic
Scope
Probe
Jack
To Vsource
100 µF
Electrolytic
Capacitor
L
O
A
D
Figure 19 — Test set-up diagram for input and output ripple.
PIN / CONTROL FUNCTIONS (CONT.)
For agency approvals and fusing conditions, click on the link below:
http://www.vicorpower.com/technical_library/technical_documentation/quality_and_certification/safety_approvals/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com