Electronic Components Datasheet Search
  English  ▼

X  

KP375 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # KP375
Description  AC and Pulse
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KP375 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button KP375 Datasheet HTML 18Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 19Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 20Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 21Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 22Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 23Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 24Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 25Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
2000 Feb 01
22
BCcomponents
Product specification
AC and Pulse
metallized polypropylene film capacitors
KP/MKP 375
URdc
= 1600 V; URac = 500 V/Up-p = 1400 V (monitor type)
Notes
1.
Dimensions in brackets for bent back leads.
2.
H
= in-tape height; P0 = sprocket hole distance; for detailed specifications refer to this handbook, chapter “Packaging
information”.
a) For pitch
= 15.0 mm: H = 16.0 mm and P0 = 12.7 mm.
b) For pitch
= 15/7.5 mm (bent back): H = 16.0 mm and P0 = 15.0 mm.
Standard reel diameter
= 500 mm. Small reel diameter = 356 mm is available on request.
3.
The shading indicates preferred types.
C
(pF)
DIMENSIONS(1)
bmax
× h(h’)max × lmax
(mm)
MASS
(g)
CATALOGUE NUMBER
LOOSE IN BOX
REEL DIAMETER
= 500 mm;
H
= 16.0 mm; P0 = 15.0 mm(2)
lt
= 5.0 ±1.0 mm
pitch 7.5 mm (bent back)
C-tol
= ±5%
C-tol
= ±5%
catalogue number(3)
last 5 digits(3)
Pitch
= 15.0 ±0.4 mm (Pitch = 7.5 ±0.4 mm for bent back leads); dt = 0.80 ±0.08 mm; A = 2.5 +1.5/−0.5 mm
1000
7.5
× 16.5 (18.0) × 18.5
1.6
2222 375 64102
.. 66102
1100
8.0
× 17.0 (18.5) × 18.5
1.7
2222 375 64112
.. 66112
1200
2222 375 64122
.. 66122
1300
8.5
× 17.5 (19.0) × 18.5
1.8
2222 375 64132
.. 66132
1500
9.0
× 18.0 (19.5) × 18.5
2.0
2222 375 64152
.. 66152
1600
9.5
× 18.5 (20.0) × 18.5
2.3
2222 375 64162
.. 66162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com