Electronic Components Datasheet Search
  English  ▼

X  

KP375 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # KP375
Description  AC and Pulse
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KP375 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button KP375 Datasheet HTML 28Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 29Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 30Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 31Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 32Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 33Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 34Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 35Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
2000 Feb 01
32
BCcomponents
Product specification
AC and Pulse
metallized polypropylene film capacitors
KP/MKP 375
URdc
= 2500 V; URac = 880 V/Up-p = 2500 V
Note
1.
Only for bent back leads.
C
(
µF)
DIMENSIONS
bmax
× hmax × lmax
(mm)
MASS
(g)
CATALOGUE NUMBER
LOOSE IN BOX; lt
= 3.5 ±0.5 mm
P
= 22.5 ±0.4 mm(1)
P
= 27.5 ±0.4 mm
C-tol
= ±5%
catalogue number
last 5 digits
dt
= 0.80 ±0.08 mm; A = 2.5 +1.4/−0.5 mm
0.001
7.0
× 20.0 × 30.0
2.9
2222 375 91001
.. 91003
0.0011
2222 375 91005
.. 91007
0.0012
2222 375 91011
.. 91013
0.0013
2222 375 91015
.. 91017
0.0015
2222 375 91021
.. 91023
0.0016
2222 375 91025
.. 91027
0.0018
2222 375 91031
.. 91033
0.0020
7.5
× 20.5 × 30.0
2.9
2222 375 91035
.. 91037
0.0022
8.0
× 21.0 × 30.0
3.2
2222 375 91041
.. 91043
0.0024
2222 375 91045
.. 91047
0.0025
2222 375 91051
.. 91053
0.0027
8.5
× 21.5 × 30.0
3.5
2222 375 91055
.. 91057
0.0030
9.0
× 22.0 × 30.0
3.8
2222 375 91061
.. 91063
0.0033
9.5
× 22.5 × 30.0
4.0
2222 375 91065
.. 91067
0.0036
10.0
× 23.0 × 30.0
4.3
2222 375 91071
.. 91073
0.0039
10.5
× 23.5 × 30.0
4.6
2222 375 91075
.. 91077
0.0043
11.0
× 24.0 × 30.0
5.0
2222 375 91081
.. 91083
0.0047
11.5
× 24.5 × 30.0
5.3
2222 375 91085
.. 91087
0.0051
12.0
× 25.0 × 30.0
5.7
2222 375 91091
.. 91093
0.0056
12.5
× 25.5 × 30.0
6.1
2222 375 91095
.. 91097
0.0062
13.5
× 26.5 × 30.0
6.6
2222 375 91101
.. 91103
0.0068
14.0
× 27.5 × 30.0
7.2
2222 375 91105
.. 91107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com