Electronic Components Datasheet Search
  English  ▼

X  

KP375 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # KP375
Description  AC and Pulse
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KP375 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button KP375 Datasheet HTML 46Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 47Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 48Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 49Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 50Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 51Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 52Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 53Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 54Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
2000 Feb 01
53
BCcomponents
Product specification
AC and Pulse
metallized polypropylene film capacitors
KP/MKP 375
QUICK REFERENCE TEST REQUIREMENTS (see note 1)
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
Robustness of leads
Tensile strength:
“IEC 60068-2-21”
load 10 N; 10 s
no visible damage
legible marking
∆C/C≤ 1% +5pF
∆tan δ≤ 5 × 10−4
Bending:
“IEC 60068-2-21”
load 5 N; 4
× 90 °
Resistance to soldering heat:
“IEC 60068-2-20”
solder bath: 260
°C; 10 s
Component solvent resistance
isopropyl alcohol; 23
°C; 5 minutes
Robustness of component
Vibration:
“IEC 60068-2-6“
10 to 55 Hz; amplitude 0.75 mm or
acceleration 98 m/s2; 6 hours
∆C/C≤ 2% (C > 0.0056 µF)
∆C/C≤ 3% +5pF (C ≤ 0.0056 µF)
∆tan δ≤ 5 × 10−4
Shock:
“IEC 60068-2-27“
half sinewave; 490 m/s2; 11 ms
Climatic sequence
Dry heat:
“IEC 60068-2-2”
16 hours; 105
°C
∆C/C≤ 3% +5pF
∆tan δ≤ 10 × 10−4
Rins
≥ 50% of specified value
Damp heat, cyclic, test Db, first cycle:
“IEC 60068-2-30”
Cold:
“IEC 60068-2-1“
2hours;
−55 °C
Damp heat, cyclic, test Db,
remaining cycles:
“IEC 60068-2-30“
Other applicable tests
Damp heat, steady state:
“IEC 60068-2-3“
56 days; 40
°C; 90 to 95% RH
∆C/C≤ 1% +5pF
∆tan δ≤ 5 × 10−4
Rins
≥ 50% of specified value
Endurance (AC):
“IEC 60384-17“
2 000 hours;
1.25
× URac (RMS); 50 Hz; 85°C
∆C/C≤ 2% (C > 0.0056 µF)
∆C/C≤ 3% +5pF (C ≤ 0.0056 µF)
∆tan δ≤ 10 × 10−4
Rins ≥ 50% of specified value
2 000 hours;
0.875
× URac (RMS); 50 Hz; 105°C
∆C/C≤ 5% + 5pF
∆tan δ≤ 10 × 10−4
Rins ≥ 50% of specified value
Heat storage:
“IEC 60384-17“
2 000 hours; 105
°C
∆C/C≤ 3% (C > 0.0056 µF)
∆C/C≤ 5% +5pF (C ≤ 0.0056 µF)
∆tan δ≤ 10 × 10−4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com