Electronic Components Datasheet Search
  English  ▼

X  

KP375 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KP375
Description  AC and Pulse
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KP375 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KP375 Datasheet HTML 1Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 2Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 3Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 4Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 5Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 6Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 7Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 8Page - List of Unclassifed Manufacturers KP375 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
2000 Feb 01
3
BCcomponents
Product specification
AC and Pulse
metallized polypropylene film capacitors
KP/MKP 375
COMPOSITION OF CATALOGUE NUMBER
TYPE
PACKAGING
LEAD CONFIGURATION
C-TOL
630 V
1 000 V
1600 V
1600 V
monitor
type
375
loose in box
lead length 5.0 mm
±5%
14
24
34
64
±3.5%
15
25
35
65
lead length 3.5 mm
±5%
10
20
30
60
±3.5%
11
21
31
61
taped on reel
H
= 16.0 mm; P0 = 12.7 mm
±5%
12
22
32
62
±3.5%
13
23
33
63
taped on reel
(bent back)
H
= 16.0 mm; P0 = 15.0 mm
±5%
16
26
36
66
±3.5%
17
27
37
67
2222
375
XX XX X
TYPE AND PITCHES
375
15.0/7.5 mm
10.0 mm
15.0 mm
22.5 mm
27.5 mm
MULTIPLIER
(nF)
0.01
1
0.1
2
1
3
10
4
CAPACITANCE
(numerically)
Example:
104
= 10 x 10 = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com