Electronic Components Datasheet Search
  English  ▼

X  

CAT4237 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT4237
Description  High Voltage CMOS Boost White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4237 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT4237 Datasheet HTML 1Page - Catalyst Semiconductor CAT4237 Datasheet HTML 2Page - Catalyst Semiconductor CAT4237 Datasheet HTML 3Page - Catalyst Semiconductor CAT4237 Datasheet HTML 4Page - Catalyst Semiconductor CAT4237 Datasheet HTML 5Page - Catalyst Semiconductor CAT4237 Datasheet HTML 6Page - Catalyst Semiconductor CAT4237 Datasheet HTML 7Page - Catalyst Semiconductor CAT4237 Datasheet HTML 8Page - Catalyst Semiconductor CAT4237 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT4237
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-5013, Rev. B
Characteristics subject to change without notice
PIN DESCRIPTION
VIN is the supply input for the internal logic The
device is compatible with supply voltages down to
2.8V and up to 5.5V. It is recommended that a small
bypass ceramic capacitor (4.7µF) be placed between
the VIN and GND pins near the device. If the supply
voltage drops below 1.9V, the device stops switching.
SHDN
¯¯¯¯¯ is the shutdown logic input. When the pin is
tied to a voltage lower than 0.4V, the device is in
shutdown mode, drawing nearly zero current. When
the pin is connected to a voltage higher than 1.5V, the
device is enabled.
GND is the ground reference pin. This pin should be
connected directly to the ground place on the PCB.
SW pin is connected to the drain of the internal CMOS
power switch of the boost converter. The inductor and
the Schottky diode anode should be connected to the
SW pin. Traces going to the SW pin should be as
short as possible with minimum loop area. An over-
voltage detection circuit is connected to the SW pin.
When the voltage reaches 35V, the device enters a
low power operating mode preventing the SW voltage
from exceeding the maximum rating.
FB feedback pin is regulated at 0.3V. A resistor
connected between the FB pin and ground sets the
LED current according to the formula:
ILED = 0.3V/R1
The lower LED cathode is connected to the FB pin.
PIN DESCRIPTIONS
Pin #
Name
Function
1
SW
Switch pin. This is the drain of the internal power switch.
2
GND
Ground pin. Connect the pin to the ground plane.
3
FB
Feedback pin. Connect to the last LED cathode.
4
SHDN
¯¯¯¯¯
Shutdown pin (Logic Low). Set high to enable the driver.
5
VIN
Power Supply input.
BLOCK DIAGRAM
VIN
VIN
Enable
Current
Sense
300mV
R1
15Ω
LED
Current
4.7µF
C1
RC
N1
RS
CC
SHDN
Thermal
Shutdown
& UVLO
VREF
1MHz
Oscillator
Over Voltage
Protection
PWM &
Logic
Driver
0.22µF
C2
GND
SW
FB
33µH
+
–
A1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com