Electronic Components Datasheet Search
  English  ▼

X  

CAT4237 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT4237
Description  High Voltage CMOS Boost White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4237 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT4237 Datasheet HTML 1Page - Catalyst Semiconductor CAT4237 Datasheet HTML 2Page - Catalyst Semiconductor CAT4237 Datasheet HTML 3Page - Catalyst Semiconductor CAT4237 Datasheet HTML 4Page - Catalyst Semiconductor CAT4237 Datasheet HTML 5Page - Catalyst Semiconductor CAT4237 Datasheet HTML 6Page - Catalyst Semiconductor CAT4237 Datasheet HTML 7Page - Catalyst Semiconductor CAT4237 Datasheet HTML 8Page - Catalyst Semiconductor CAT4237 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CAT4237
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-5013, Rev. B
Characteristics subject to change without notice
FEATURES
Drives 6 to 8 White LEDs in series from 3V
Up to 87% Efficiency
Low Quiescent Ground Current 0.6mA
Adjustable Output Current (up to 40mA)
High Frequency 1MHz Operation
High Voltage Power Switch
Shutdown current less than 1µA
Open LED low power mode
Automatic Shutdown at 1.9V (UVLO)
Thermal shutdown protection
RoHS-compliant
Thin SOT23 5-Lead (1mm max height)
APPLICATIONS
Color LCD and keypad Backlighting
Cellular Phones
Handheld Devices
Digital Cameras
PDAs
Portable Game Machine
ORDERING INFORMATION
Part Number
Package
Quantity
per Reel
Package
Marking
CAT4237TD-T3
TSOT23-5
(1)
3000
LT
CAT4237TD-GT3 TSOT23-5
(2)
3000
UD
Notes: (1) Matte-Tin Plated Finish (RoHS-compliant).
(2) NiPdAu Plated Finish (RoHS-compliant).
DESCRIPTION
The CAT4237 is a DC/DC step-up converter that
delivers an accurate constant current ideal for driving
LEDs. Operation at a constant switching frequency of
1MHz allows the device to be used with small value
external
ceramic
capacitors
and
inductor.
LEDs
connected in series are driven with a regulated current
set by the external resistor R1. LED currents up to 40mA
can be supported over a wide range of input supply
voltages from 2.8V to 5.5V, making the device ideal for
battery-powered applications. The CAT4237 high-
voltage output stage is perfect for driving six, seven or
eight white LEDs in series with inherent current matching
in LCD backlight applications.
LED dimming can be done by using a DC voltage, a
logic signal, or a pulse width modulation (PWM) signal.
The shutdown input pin allows the device to be placed in
power-down mode with “zero” quiescent current.
In addition to thermal protection and overload current
limiting, the device also enters a very low power operating
mode during “Open LED” fault conditions. The device is
housed in a low profile (1mm max height) 5-lead thin
SOT23 package for space critical applications.
For Ordering Information details, see page 13.
PIN CONFIGURATION
TYPICAL APPLICATION CIRCUIT
5-Lead Thin SOT23
(1mm max height)
Top View
L: Sumida CDRH3D16-330
D: Central CMDSH05-4 (rated 40V)
C2: Taiyo Yuden UMK212BJ224 (rated 50V)
High Voltage CMOS Boost White LED Driver
VIN
FB
2
3
1
SHDN
5
4
SW
GND
VIN
CAT4237
VIN
LD
VOUT
R1
15Ω
20mA
VFB = 300mV
4.7µF
3V to
4.2V
C1
0.22µF
C2
FB
SHDN
SW
GND
ON
33µH
OFF


Similar Part No. - CAT4237

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
High Voltage CMOS Boost White LED Driver
CAT4237 CATALYST-CAT4237 Datasheet
867Kb / 28P
Catalyst Semiconductor
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4237 ONSEMI-CAT4237 Datasheet
270Kb / 12P
High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
CAT4237EVAL2EVB ONSEMI-CAT4237EVAL2EVB Datasheet
252Kb / 8P
CAT4237 High Voltage White LED Driver Evaluation Board Users Manual
August, 2011 ??Rev. 5
More results

Similar Description - CAT4237

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
High Voltage CMOS Boost White LED Driver
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
CMOS White LED Driver Boost Converter
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
CMOS Boost Converter - White LED Driver
CAT4237 CATALYST-CAT4237_07 Datasheet
302Kb / 14P
High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
294Kb / 14P
High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com