Electronic Components Datasheet Search
  English  ▼

X  

CAT4237 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT4237
Description  High Voltage CMOS Boost White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4237 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT4237 Datasheet HTML 1Page - Catalyst Semiconductor CAT4237 Datasheet HTML 2Page - Catalyst Semiconductor CAT4237 Datasheet HTML 3Page - Catalyst Semiconductor CAT4237 Datasheet HTML 4Page - Catalyst Semiconductor CAT4237 Datasheet HTML 5Page - Catalyst Semiconductor CAT4237 Datasheet HTML 6Page - Catalyst Semiconductor CAT4237 Datasheet HTML 7Page - Catalyst Semiconductor CAT4237 Datasheet HTML 8Page - Catalyst Semiconductor CAT4237 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT4237
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-5013, Rev. B
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, CIN = 4.7μF, COUT = 0.22µF, L = 33µH with 8 LEDs at 20mA, TAMB = 25ºC, unless otherwise specified.
Quiescent Current vs. VIN (Not Switching)
0
20
40
60
80
100
120
140
2.7 3.0
3.3 3.6
3.9 4.2
4.5 4.8
INPUT VOLTAGE [V]
VFB =0.4V
(not switching)
Quiescent Current vs. VIN (Switching)
0.0
0.5
1.0
1.5
2.0
2.53.0
3.54.0
4.55.0
INPUT VOLTAGE [V]
FB pin voltage vs. Supply Voltage
285
290
295
300
305
310
315
2.7 3.0
3.3 3.6 3.9 4.2
4.5 4.8
INPUT VOLTAGE [V]
8LEDs at 20mA
VOUT= 26V
FB Pin Voltage vs. Output Current
285
290
295
300
305
310
315
0
5
10
15
20
25
30
OUTPUT CURRENT [mA]
8 LEDs
Switching Frequency vs. Supply Voltage
Switching Waveforms
960
980
1000
1020
1040
2.7 3.0 3.3 3.6 3.9 4.2 4.5 4.8
INPUT VOLTAGE [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com