Electronic Components Datasheet Search
  English  ▼

X  

CAT4237 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT4237
Description  High Voltage CMOS Boost White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4237 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT4237 Datasheet HTML 4Page - Catalyst Semiconductor CAT4237 Datasheet HTML 5Page - Catalyst Semiconductor CAT4237 Datasheet HTML 6Page - Catalyst Semiconductor CAT4237 Datasheet HTML 7Page - Catalyst Semiconductor CAT4237 Datasheet HTML 8Page - Catalyst Semiconductor CAT4237 Datasheet HTML 9Page - Catalyst Semiconductor CAT4237 Datasheet HTML 10Page - Catalyst Semiconductor CAT4237 Datasheet HTML 11Page - Catalyst Semiconductor CAT4237 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT4237
Doc. No. MD-5013, Rev. B
8
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
APPLICATION INFORMATION
External Component Selection
Capacitors
The CAT4237 only requires small ceramic capacitors
of 4.7µF on the input and 0.22µF on the output. Under
normal condition, a 4.7µF input capacitor is sufficient.
For applications with higher output power, a larger
input capacitor of 10µF may be appropriate. X5R and
X7R capacitor types are ideal due to their stability
across temperature range.
Inductor
A 33µH inductor is recommended for most of the
CAT4237 applications. In cases where the efficiency
is critical, inductances with lower series resistance are
preferred. Inductors with current rating of 300mA or
higher are recommended for most applications.
Sumida CDRH3D16-330 33µH inductor has a rated
current of 320mA and a series resistance (D.C.R.) of
520mΩ typical.
Schottky Diode
The current rating of the Schottky diode must exceed
the peak current flowing through it. The Schottky
diode performance is rated in terms of its forward
voltage at a given current. In order to achieve the best
efficiency, this forward voltage should be as low as
possible. The response time is also critical since the
driver is operating at 1MHz. Central Semiconductor
Schottky diode CMDSH05-4 (500mA rated) is recom–
mended for most applications.
LED Current Setting
The LED current is set by the external resistor R1
connected between the feedback pin (FB) and
ground. The formula below gives the relationship
between the resistor and the current:
R1 = 0.3V/LED current
Table 1. Resistor R1 and LED current
LED current (mA)
R1 (Ω)
5
60
10
30
15
20
20
15
25
12
30
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com