Electronic Components Datasheet Search
  English  ▼

X  

RMX Datasheet(PDF) 7 Page - TAITRON Components Incorporated

Part # RMX
Description  Metal Oxide Resistor Normal & Miniature Style
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RMX Datasheet(HTML) 7 Page - TAITRON Components Incorporated

  RMX Datasheet HTML 1Page - TAITRON Components Incorporated RMX Datasheet HTML 2Page - TAITRON Components Incorporated RMX Datasheet HTML 3Page - TAITRON Components Incorporated RMX Datasheet HTML 4Page - TAITRON Components Incorporated RMX Datasheet HTML 5Page - TAITRON Components Incorporated RMX Datasheet HTML 6Page - TAITRON Components Incorporated RMX Datasheet HTML 7Page - TAITRON Components Incorporated RMX Datasheet HTML 8Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RMX & RMXS Series
Metal Oxide Resistor - Normal & Miniature Style
Rev. B/JJ 20080210
www.taitroncomponents.com
Page 7 of 8
Tolerance
J: ±5%; (G: ±2% is available on request)
Factory Location
Resistor Series
RMX: Metal Oxide Film Resistor
RMXS: Miniature Metal Oxide Film Resistor
Power Rating
2W: 2W; 25T: 1/4W; 50T: 1/2W;
1WS: 1W with miniature size;
Resistance Value
201=20x10
1=200Ω;
“000” for Jumper;
See next for E-24 value
Packing
TR20: 12” Tape & Reel with RoHS;
AR: Tape & Ammo with RoHS;
BL: Bulk with RoHS
How to order:
RMX 2W 201 J - 52 - TR20
E-24 Series of Resistance Value Table
xxx
(code)
Ω
xxx
(code)
Ω
xxx
(code)
Ω
xxx
(code)
Ω
xxx
(code)
Ω
xxx
(code)
Ω
xxx
(code)
Ω
000
<50m
1R0
1.0
1R1
1.1
1R2
1.2
1R3
1.3
1R5
1.5
1R6
1.6
1R8
1.8
2R0
2.0
2R2
2.2
2R4
2.4
2R7
2.7
3R0
3.0
3R3
3.3
3R6
3.6
3R9
3.9
4R3
4.3
4R7
4.7
5R1
5.1
5R6
5.6
6R2
6.2
6R8
6.8
7R5
7.5
8R2
8.2
9R1
9.1
100
10
110
11
120
12
130
13
150
15
160
16
180
18
200
20
220
22
240
24
270
27
300
30
330
33
360
36
390
39
430
43
470
47
510
51
560
56
620
62
680
68
750
75
820
82
910
91
101
100
111
110
121
120
131
130
151
150
161
160
181
180
201
200
221
220
241
240
271
270
301
300
331
330
361
360
391
390
431
430
471
470
511
510
561
560
621
620
681
680
751
750
821
820
911
910
102
1K
112
1.1K
122
1.2K
132
1.3K
152
1.5K
162
1.6K
182
1.8K
202
2.0K
222
2.2K
242
2.4K
272
2.7K
302
3.0K
332
3.3K
362
3.6K
392
3.9K
432
4.3K
472
4.7K
512
5.1K
562
5.6K
622
6.2K
682
6.8K
752
7.5K
822
8.2K
912
9.1K
103
10K
113
11K
123
12K
133
13K
153
15K
163
16K
183
18K
203
20K
223
22K
243
24K
273
27K
303
30K
333
33K
363
36K
393
39K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com