Electronic Components Datasheet Search
  English  ▼

X  

RMX Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # RMX
Description  Metal Oxide Resistor Normal & Miniature Style
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RMX Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  RMX Datasheet HTML 1Page - TAITRON Components Incorporated RMX Datasheet HTML 2Page - TAITRON Components Incorporated RMX Datasheet HTML 3Page - TAITRON Components Incorporated RMX Datasheet HTML 4Page - TAITRON Components Incorporated RMX Datasheet HTML 5Page - TAITRON Components Incorporated RMX Datasheet HTML 6Page - TAITRON Components Incorporated RMX Datasheet HTML 7Page - TAITRON Components Incorporated RMX Datasheet HTML 8Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RMX & RMXS Series
Metal Oxide Resistor - Normal & Miniature Style
Rev. B/JJ 20080210
www.taitroncomponents.com
Page 3 of 8
Environmental Performance Specification
* Rated Continuous Working Voltage (RCWV) =√Power Rating x Resistance Value
Packing Information
Carrier Tape Dimensions (in mm)
Item
Test Methods
Specifications
±(1.0% +0.05Ω)
(Normal Style)
Short Time Overload
JIS-C-5202 5.5
2.5 Times RCWV* for 5 seconds
±(2.0% +0.05Ω)
(Miniature Style)
Dielectric Withstanding Voltage
JIS-C-5202 5.7
In V-Block for 60 Seconds
by Type
Temperature Coefficient
JIS-C-5202 5.2
-55°C to +155°C
by Type
Insulation Resistance
JIS-C-5202 5.6
In V-Block
>1000MΩ
Solderability
JIS-C-5202 6.5
260°C±5°C for 5±0.5 Seconds
95% Min. Coverage
Resistance to Solvent
JIS-C-5202 6.9
IPA for 1 minute with Ultrasonic
No Deterioration of
Coatings and Markings
Terminal Strength
JIS-C-5202 6.1
Direct Load for 10 Seconds in The
Direction of the Terminal Leads
>=2.5kg (24.5N)
Pulse Overload
JIS-C-5202 5.8
4 Times RCWV 10000 Cycle
(1 sec. on, 25 sec. off)
±(2% +0.05Ω)
Load Life in Humidity
JIS-C-5202 7.9
40±2°C , 90-95% RH at RCWV for
1000 hours (1.5 Hrs. on, 0.5 Hrs. off)
±(5% +0.05Ω)
Load Life
JIS-C-5202 7.10
70°C at RCWV for 1000 Hrs
(1.5 Hrs. on, 0.5 Hrs. off)
±(5% +0.05Ω)
Temperature Cycling
JIS-C-5202 7.4
-55°C
Room Temp.
+155°C
Room Temp. for 5 Cycles
±(1% +0.05Ω)
Resistance to Soldering Heat
JIS-C-5202 6.4
350°C±10°C for 3±0.5 Seconds
±(1% +0.05Ω)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com