Electronic Components Datasheet Search
  English  ▼

X  

RMX Datasheet(PDF) 8 Page - TAITRON Components Incorporated

Part # RMX
Description  Metal Oxide Resistor Normal & Miniature Style
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RMX Datasheet(HTML) 8 Page - TAITRON Components Incorporated

  RMX Datasheet HTML 1Page - TAITRON Components Incorporated RMX Datasheet HTML 2Page - TAITRON Components Incorporated RMX Datasheet HTML 3Page - TAITRON Components Incorporated RMX Datasheet HTML 4Page - TAITRON Components Incorporated RMX Datasheet HTML 5Page - TAITRON Components Incorporated RMX Datasheet HTML 6Page - TAITRON Components Incorporated RMX Datasheet HTML 7Page - TAITRON Components Incorporated RMX Datasheet HTML 8Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
RMX & RMXS Series
Metal Oxide Resistor - Normal & Miniature Style
Rev. B/JJ 20080210
www.taitroncomponents.com
Page 8 of 8
How to contact us:
xxx
(code)
Ω
xxx
(code)
Ω
xxx
(code)
Ω
xxx
(code)
Ω
xxx
(code)
Ω
xxx
(code)
Ω
xxx
(code)
Ω
433
43K
473
47K
513
51K
563
56K
623
62K
683
68K
753
75K
823
82K
913
91K
104
100K
114
110K
124
120K
134
130K
154
150K
164
160K
184
180K
204
200K
224
220K
244
240K
274
270K
304
300K
334
330K
364
360K
394
390K
434
430K
474
470K
514
510K
564
560K
624
620K
684
680K
754
750K
824
820K
914
910K
105
1.0M
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com