Electronic Components Datasheet Search
  English  ▼

X  

RMX Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # RMX
Description  Metal Oxide Resistor Normal & Miniature Style
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RMX Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  RMX Datasheet HTML 1Page - TAITRON Components Incorporated RMX Datasheet HTML 2Page - TAITRON Components Incorporated RMX Datasheet HTML 3Page - TAITRON Components Incorporated RMX Datasheet HTML 4Page - TAITRON Components Incorporated RMX Datasheet HTML 5Page - TAITRON Components Incorporated RMX Datasheet HTML 6Page - TAITRON Components Incorporated RMX Datasheet HTML 7Page - TAITRON Components Incorporated RMX Datasheet HTML 8Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. B/JJ 20080210
RMX & RMXS Series
Metal Oxide Resistor
Normal & Miniature Style
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 8
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Metal Oxide Resistor – Normal & Miniature Style
Features
• Low cost, high performance, excellent long-term stability
• High power-to-size ratio for significant space savings
• High surge/overload capability, controlled temperature coefficient
• Non-inductive design, wide resistance range (1Ω to 1MΩ & 0 Ω for E24 series value)
• Standard tolerance: ±5% (±2% is available on request)
• RoHS Compliant
Mechanical Data
• Complete flameproof construction in accordance with article UL94V-0
• Bulk, tape and reel standard, cut and formed, or radial Panasert/Avisert available upon request
Absolute Maximum Ratings & Characteristics
Note 1: E-24 series, below or over this resistance available on request
Description
RMX
25T
RMX
S50T
RMX
50T
RMX
S1W
RMX
1W
RMX
S2W
RMX
2W
RMX
S3W
RMX
3W
RMX
S5W
RMX
5W
Unit
Power Rating at
70° C
1/4
1/2
1/2
1
1
2
2
3
3
5
5
W
Maximum Working
Voltage
200
250
250
300
350
350
350
350
500
750
750
V
Maximum
Overload Voltage
300
400
400
500
600
600
600
600
800
1000
1000
V
Dielectric
Withstanding
Voltage
250
350
350
400
500
500
500
500
700
750
750
V
Resistance Range
1 ~ 1M & 0 (Note 1)
Ω
Operating
Temperature
Range
-55 to +155
° C
Temperature
Coefficient
±300
ppm/° C


Similar Part No. - RMX

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
RMX-350 SLPOWER-RMX-350 Datasheet
201Kb / 2P
350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, HOT SWAP
RMX-353-0512 SLPOWER-RMX-353-0512 Datasheet
201Kb / 2P
350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, HOT SWAP
RMX-354-1205 SLPOWER-RMX-354-1205 Datasheet
201Kb / 2P
350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, HOT SWAP
RMX-354-1212 SLPOWER-RMX-354-1212 Datasheet
201Kb / 2P
350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, HOT SWAP
RMX-354-1224 SLPOWER-RMX-354-1224 Datasheet
201Kb / 2P
350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, HOT SWAP
More results

Similar Description - RMX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFR ETC1-CFR Datasheet
52Kb / 2P
Carbon Film Resistors Normal & Miniature Style
MFR ETC1-MFR Datasheet
36Kb / 2P
Metal Film Resistors Normal & Miniature Style
logo
TAITRON Components Inco...
RCF08T20J-52-TR20 TAITRON-RCF08T20J-52-TR20 Datasheet
294Kb / 6P
Carbon Film Resistor Normal & Miniature Style
RMF TAITRON-RMF Datasheet
265Kb / 6P
Metal Film Resistor Normal & Miniature Style
logo
KOA Speer Electronics, ...
MO1CT52A KOA-MO1CT52A Datasheet
100Kb / 2P
metal oxide power type leaded resistor
logo
IRC - a TT electronics ...
CMO IRCTT-CMO Datasheet
184Kb / 4P
Commercial Grade Metal Oxide Resistor
logo
KOA Speer Electronics, ...
MO1CT52A473J KOA-MO1CT52A473J Datasheet
387Kb / 2P
metal oxide power type leaded resistor
logo
List of Unclassifed Man...
CFR-25JT-52 ETC2-CFR-25JT-52 Datasheet
131Kb / 2P
Normal & Miniature Style CFR Series
RSMF2JB10R0 ETC2-RSMF2JB10R0 Datasheet
205Kb / 4P
General Purpose Metal Oxide Resistor
logo
Stackpole Electronics, ...
RSF SEI-RSF Datasheet
597Kb / 9P
General Purpose Metal Oxide Resistor
3/3/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com