Electronic Components Datasheet Search
  English  ▼

X  

MIC2185 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2185
Description  Low Voltage Synchronous Boost PWM Control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2185 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2185 Datasheet HTML 1Page - Micrel Semiconductor MIC2185 Datasheet HTML 2Page - Micrel Semiconductor MIC2185 Datasheet HTML 3Page - Micrel Semiconductor MIC2185 Datasheet HTML 4Page - Micrel Semiconductor MIC2185 Datasheet HTML 5Page - Micrel Semiconductor MIC2185 Datasheet HTML 6Page - Micrel Semiconductor MIC2185 Datasheet HTML 7Page - Micrel Semiconductor MIC2185 Datasheet HTML 8Page - Micrel Semiconductor MIC2185 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
October 2005
5
MIC2185
MIC2185
Micrel, Inc.
Typical Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Quiescent Current vs.
Temperature (SKIP Mode)
VINA = 5VDC
VINP = 12VDC
IQ = IQVINA+IQVINP
4.30
4.35
4.40
4.45
4.50
4.55
4.60
4.65
4.70
4.75
TEMPERATURE (°C)
Quiescent Current vs.
Temperature (PWM Mode)
VINA = 5VDC
VINP = 12VDC
fS = 400kHz
IQ = IQVINA+IQVINP
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8 10 12 14 16
INPUT VOLTAGE (VINA)
Quiescent Current vs.
Input Voltage(PWM Mode)
400kHz
200kHz
VINP =12VDC
IQ = IQVINA+IQVINP
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8 10 12 14 16
INPUT VOLTAGE (VINA)
Quiescent Current vs.
Input Voltage( PWM Mode)
VINP = 5V
VINP = 9V
VINP = 12V
IQ = IQVINA + IQVINP
fS = 400kHz
0.55
0.60
0.65
0.70
0.75
0.80
0
2
4
6
8 10 12 14 16
INPUT VOLTAGE (VINA)
Quiescent Current vs.
Input Voltage (SKIP Mode)
VINP = 5VDC
VINP = 9VDC
VINP = 12VDC
1.245
1.2455
1.246
1.2465
1.247
1.2475
0
2
4
6
8 10 12 14 16
INPUT VOLTAGE (VINA)
Reference Voltage
vs. Input Voltage
VINP = 12VDC
1.2460
1.2461
1.2462
1.2463
1.2464
1.2465
1.2466
1.2467
1.2468
1.2469
1.2470
0 10 20 30 40 50 60 70 80 90 100
REFERENCE CURRENT(µA)
Reference Voltage
vs. Reference Current
VINP = 12VDC
VINA = 5VDC
1.237
1.239
1.241
1.243
1.245
1.247
1.249
1.251
1.253
1.255
1.257
-40 -20 0 20 40 60 80 100120140
TEMPERATURE(°C)
Reference Voltage
vs. Temperature
VINP = 12VDC
VINA = 5VDC
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
0
2
4
6
8
10 12 14
INPUT VOLTAGE (VINA)
VDD vs.
Input Voltage
VINP = 12VDC
3.010
3.015
3.020
3.025
3.030
3.035
3.040
0 0.10.20.30.40.50.60.70.80.91.0
IVDD (mA)
VDD vs.
Load Current
VINP = 12VDC
VINA = 5VDC
2.98
2.99
3.00
3.01
3.02
3.03
3.04
3.05
3.06
3.07
3.08
TEMPERATURE (°C)
VDD vs.
Temperature
VINP = 12VDC
VINA = 5VDC
0
50
100
150
200
250
300
0
2
4
6
8
10 12 14
VENABLE (V)
IENABLE vs. VENABLE
VINP = 12VDC
VINA = 5VDC
85°C
–40°C
20°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com