Electronic Components Datasheet Search
  English  ▼

X  

MIC2185 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2185
Description  Low Voltage Synchronous Boost PWM Control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2185 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2185 Datasheet HTML 6Page - Micrel Semiconductor MIC2185 Datasheet HTML 7Page - Micrel Semiconductor MIC2185 Datasheet HTML 8Page - Micrel Semiconductor MIC2185 Datasheet HTML 9Page - Micrel Semiconductor MIC2185 Datasheet HTML 10Page - Micrel Semiconductor MIC2185 Datasheet HTML 11Page - Micrel Semiconductor MIC2185 Datasheet HTML 12Page - Micrel Semiconductor MIC2185 Datasheet HTML 13Page - Micrel Semiconductor MIC2185 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MIC2185
Micrel, Inc.
MIC2185
10
October 2005
PWM Operation
PWM ModeWaveform
TIME (1µs/div)
Switch NodeVoltage
(Low Side FET Drain)
5V/div
V
IN = 3.3V
High Side FET
Gate Drive
5V/div
Low Side FET
Gate Drive
5V/div
Inductor Current
1A offset; 0.5A/div
V
OUT Ripple Voltage
200mV/div
V
OUT = 5V
I
OUT = 0.75A
Figure 5 - PWM mode waveforms
Figure5showstypicalwaveformsforPWMmodeofoperation.
The gate drive signal turns on the external low side MOSFET,
Q1, allowing the inductor current to ramp up. When the low
side MOSFET turns off and the high side MOSFET, Q2, turns
on, current flowing in the inductor forces the MOSFET drain
voltage to rise until the is clamped at approximately the output
voltage. The MIC2185 uses current mode control to improve
output regulation and simplify compensation of the control
loop. Current mode control senses both the output voltage
(outer loop) and the inductor current (inner loop). It uses the
inductor current and output voltage to determine the duty
cycle (D) of the buck converter. Sampling the inductor current
effectively removes the inductor from the control loop, which
simplifies compensation. A simplified current mode control
diagram is shown in figure 6.
I_inductor
T
ON
T
PER
V
COMP
Gate Drive at OUTN
I_inductor
I_inductor
Gate Driver
I_inductor
Voltage
Divider
VREF
VIN
Figure 6. PWM Control Loop
A block diagram of the MIC2185 PWM current mode control
loop is shown in Figure 1. The inductor current is sensed by
measuring the voltage across a resistor, Rsense. The current
sense amplifier buffers and amplifies this signal. A ramp is
added to this signal to provide slope compensation, which is
requiredincurrentmodecontroltopreventunstableoperation
at duty cycles greater than 50%.
A transconductance amplifier is used as an error amplifier,
which compares an attenuated output voltage with a refer-
ence voltage. The output of the error amplifier is compared
to the current sense waveform in the PWM block. When the
current signal rises above the error voltage, the comparator
turns off the low side drive. The error signal is brought out to
the COMPpin (pin 4) allowing the use of external components
to stabilize the voltage loop.
Current Sensing and Overcurrent Protection
The inductor current is sensed during the switch on time by
a current sense resistor located between the source of the
MOSFET, Q1 and ground (RSENSE in Figure 1). Exceeding
the current limit threshold will immediately terminate the
gate drive of the N-channel MOSFET. This forces the Q1 to
operate at a reduced duty cycle, which reduces the output
voltage.
In a boost converter, the overcurrent limit will
not protect the power supply or load during a severe
overcurrent condition or short circuit condition. If the
output is short-circuited to ground, current will flow from the
input, through the inductor and output diode,D1, to ground.
Only the impedance of the source and components limits
the current.
The minimum input voltage, maximum output power and
the minimum value of the current limit threshold determine
the value of the current sense resistor. The two switch, syn-
chronous operation of the MIC2185 forces the converter to
always operate in the continuous mode because current can
flow both ways through the high side P-channel MOSFET.
The equations below will help to determine the current sense
resistor value.
Maximum Peak Current
The peak inductor current is equal to the average inductor
current plus one half of the peak to peak inductor current.
The peak inductor current is:
I
I
1
2
I
I
V
I
V
V
V
V
2 V
fs L
IND(pk)
IND(ave)
IND(pp)
IND(pk)
O
O
IN
L
O
IN
O
=
+ ×
=
×
×
+
×
−
×
(
)
(
)
×
× ×
η
η
where:
IO is the maximum output current
VO is the output voltage
VIN is the minimum input voltage
L is the value of the boost inductor
fS is the switching frequency
η
is the efficiency of the boost converter
VL is the voltage across the inductor
VL may be approximated as VIN for higher input voltage.
However, the voltage drop across the inductor winding
resistance and low side MOSFET on-resistance must be
accounted for at the lower input voltages that the MIC2185
can operate at:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com