Electronic Components Datasheet Search
  English  ▼

X  

MIC2185 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2185
Description  Low Voltage Synchronous Boost PWM Control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2185 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2185 Datasheet HTML 5Page - Micrel Semiconductor MIC2185 Datasheet HTML 6Page - Micrel Semiconductor MIC2185 Datasheet HTML 7Page - Micrel Semiconductor MIC2185 Datasheet HTML 8Page - Micrel Semiconductor MIC2185 Datasheet HTML 9Page - Micrel Semiconductor MIC2185 Datasheet HTML 10Page - Micrel Semiconductor MIC2185 Datasheet HTML 11Page - Micrel Semiconductor MIC2185 Datasheet HTML 12Page - Micrel Semiconductor MIC2185 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
October 2005
9
MIC2185
MIC2185
Micrel, Inc.
during the discontinuous mode of operation found in lightly
loaded, non-synchronous boost converters. Pulling the SKIP
pin (pin 2) low will force the controller to operate in PWM
mode for all load conditions. Pulling the SKIP pin high will
force the controller to operate in SKIP mode.
Skip Mode Operation
This control method is used to improve efficiency at low output
loads. A block diagram of the MIC2185 skip mode is shown
in Figure 2. The power drawn by the MIC2185 control IC is
(IVINA· VVINA) + (IVINP · VVINP). The power dissipated by the
IC can be a significant portion of the total output power during
periods of low output current, which lowers the efficiency of
the power supply. In skip mode the MIC2185 lowers the IC
supply current by disabling the high side drive and running
at lower than the PWM switching frequency. It also turns off
portions of the control and drive circuitry when the IC is not
switching. The disadvantage of this method is greater output
ripple and variable switching frequency. The Soft Start and
Sync pins have no effect when operating in skip mode.
In skip mode, switching starts when the feedback voltage
drops below the lower threshold level of the hysteresis com-
parator. The OutN pin goes high, turning on the N-channel
MOSFET, Q1. Current ramps up in the inductor until either
the SKIP mode current limit comparator or the hysteretic
voltage comparator turns off Q1’s gate drive. If the feedback
voltage exceeds the upper hysteretic threshold, Q1’s gate
drive is terminated. Or, if the voltage at the CSH pin exceeds
the skip mode current limit threshold, it terminates the gate
drive for that switching cycle. The gate drive remains off for
a constant period at the end of each switching cycle. This
off time period is typically 1us when the F/2 pin is low and
2us when the F/2 pin is high. Figure 3 shows some typical
switching waveforms in SKIP mode.
SKIP Mode Waveform
TIME (50µs/div)
Switch NodeVoltage
(Low Side FET Drain)
5V/div
Low Side FET
Gate Drive
5V/div
V
OUT Ripple Voltage
200mV/div
Inductor Current
5A/div
V
IN = 3.3V
V
OUT = 9V IOUT = 0.55A
Figure 3. SKIP mode waveforms
The skip mode current threshold limits the peak inductor
current per cycle. Depending on the input, output and circuit
parameters, many switching cycles can occur before the
feedback voltage exceeds the upper hysteretic threshold.
Once the voltage on the feedback pin exceeds the upper
hysteretic threshold the gate drive is disabled. The output
load discharges the output capacitance causing Vout to
decrease until the feedback voltage drops below the lower
threshold voltage limit. The switching converter then turns
the gate drive back on. While the gate drive is disabled, the
MIC2185 draws less IC supply current then while it is switch-
ing, thereby improving efficiency at low output loads.
Figure 4 shows the improvement in efficiency that SKIPmode
makes when at lower output currents.
0
20
40
60
80
100
OUTPUT CURRENT (A)
MIC2185 PWM vs.
Skip Mode Efficiency
P W M
400kHz
S K I P
VIN=3.3V
VOUT=5V
Figure 4.
The maximum peak inductor current depends on the skip
current limit threshold and the value of the current sense
resistor, RSENSE. For a typical 50mV current limit threshold
in skip mode, the peak inductor current is:
I
50mV
R
INDUCTOR_pk
SENSE
=
The maximum output current in skip mode depends on the
input conditions, output conditions and circuit component
values. Assuming a discontinuous mode where the inductor
current starts from zero at each cycle, the maximum output
current is calculated below:
I
2.5 10
L fs
2 R
V
V
O(max)
3
SENSE
2
O
IN
=
×
× ×
×
×
− ×
(
)
(
)
−
η
where: IO(max) is the maximum output current
VO is the output voltage
VIN is the input voltage
L is the value of the boost inductor
fS is the switching frequency
η
is the efficiency of the boost converter
RSENSE is the value of the current sense resistor
2.5·10-3 is a constant based on the skip mode
current threshold (50mV)2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com