Electronic Components Datasheet Search
  English  ▼

X  

MIC2185 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2185
Description  Low Voltage Synchronous Boost PWM Control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2185 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2185 Datasheet HTML 1Page - Micrel Semiconductor MIC2185 Datasheet HTML 2Page - Micrel Semiconductor MIC2185 Datasheet HTML 3Page - Micrel Semiconductor MIC2185 Datasheet HTML 4Page - Micrel Semiconductor MIC2185 Datasheet HTML 5Page - Micrel Semiconductor MIC2185 Datasheet HTML 6Page - Micrel Semiconductor MIC2185 Datasheet HTML 7Page - Micrel Semiconductor MIC2185 Datasheet HTML 8Page - Micrel Semiconductor MIC2185 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
October 2005
1
MIC2185
MIC2185
Micrel, Inc.
MIC2185
Low Voltage Synchronous Boost PWM Control IC
General Description
Micrel’s MIC2185 is a high efficiency synchronous boost
PWM control IC. With its wide input voltage range of 2.9V to
14V, the MIC2185 can be used to efficiently boost voltages
in 1- or 2-cell Li Ion battery powered applications, as well as
fixed 3.3V and 5V systems. Its powerful 5Ω output drivers
allow the MIC2185 to supply large output currents with the
selection of the proper external MOSFETs.
With it’s fixed frequency PWM architecture, and easily
synchronized drive, the MIC2185 is ideal for noise-sensi-
tive telecommunications applications. The nominal 400kHz
operating frequency of the MIC2185 can be divided by two,
allowing the device to be externally synchronized to frequen-
cies below 400kHz.
The MIC2185 also features a low current shutdown mode
and a programmable undervoltage lockout. A skipped pulse
mode of operation can be manually set to achieve higher
efficiencies at light load conditions.
The MIC2185 is available in a 16 pin SOIC package and 16
pin QSOP package with an ambient temperature operating
range from –40°C to 85°C.
Typical Application
VINA
EN/UVLO
FREQ/2
VDD
COMP
VREF
SYNC
SKIP
SS
MIC2185
SGND
OUTP
VINP
FB
CIN
COUT
VOUT = 5V
OUTN
CSH
VIN = 3.3V
PGND
5
12
9
13
6
16
14
3
2
11
8
4
10
15
7
1
Si9803DY (x2)
Si4884DY (x2)
2.4µH
8m
70
75
80
85
90
95
100
0
1
2
3
4
5
OUTPUT CURRENT (A)
5V Output Efficiency
VIN = 3.3V
200kHz P WM
Adjustable Output Synchronous Boost Converter
Features
• Input voltage range: 2.9V to 14V
• 95% efficiency
• Oscillator frequency of 200kHz/400kHz
• Frequency sync to 600kHz
• 0.5µA shutdown current
• Two 5Ω output drivers
• Front edge blanking
• PWM current mode control
• Cycle-by-cycle current limiting
• Frequency foldback protection
• Adjustable under-voltage lockout
• Precision 1.245V reference output
• 16 pin SOIC narrow body package
Applications
• 3.3V to 5V conversion in telecom systems
• Satellite phones
• Cable modems
• 1-and 2-cell Li Ion battery operated equipment
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Ordering Information
Part Number
Frequency
Voltage
Junction
Temp. Range
Package
Standard
Pb-Free
MIC2185BM
MIC2185YM
200/400kHz
Adj
–40ºC to +125ºC
16-pin SOIC
MIC2185BQS
MIC2185YQS
200/400kHz
Adj
–40ºC to +125ºC
16-pin QSOP


Similar Part No. - MIC2185

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2185 MICREL-MIC2185 Datasheet
141Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2185BM MICREL-MIC2185BM Datasheet
141Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2185BQS MICREL-MIC2185BQS Datasheet
141Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
More results

Similar Description - MIC2185

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
Low Voltage PWM Control IC
MIC2185 MICREL-MIC2185 Datasheet
141Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
500kHz PWM Synchronous Buck Control IC
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
Low Voltage PWM Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
Low Voltage Buck PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com