Electronic Components Datasheet Search
  English  ▼

X  

MIC5018 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5018
Description  IttyBitty??High-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5018 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC5018 Datasheet HTML 1Page - Micrel Semiconductor MIC5018 Datasheet HTML 2Page - Micrel Semiconductor MIC5018 Datasheet HTML 3Page - Micrel Semiconductor MIC5018 Datasheet HTML 4Page - Micrel Semiconductor MIC5018 Datasheet HTML 5Page - Micrel Semiconductor MIC5018 Datasheet HTML 6Page - Micrel Semiconductor MIC5018 Datasheet HTML 7Page - Micrel Semiconductor MIC5018 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Micrel, Inc.
MIC5018
April 2006
6
M9999-042406
(408) 955-1690
Application Information
Supply Bypass
A capacitor from VS to GND is recommended to control
switching and supply transients. Load current and supply
lead length are some of the factors that affect capacitor
size requirements.
A 4.7µF or 10µF aluminum electrolytic or tantalum
capacitor is suitable for many applications.
The low ESR (equivalent series resistance) of tantalum
capacitors makes them especially effective, but also
makes them susceptible to uncontrolled inrush current
from low impedance voltage sources (such as NiCd
batteries
or
automatic
test
equipment).
Avoid
instantaneously applying voltage, capable of high peak
current, directly to or near tantalum capacitors without
additional current limiting. Normal power supply turn-on
(slow rise time) or printed circuit trace resistance is
usually adequate for normal product usage.
MOSFET Selection
The
MIC5018
is
designed
to
drive
N-channel
enhancement type MOSFETs. The gate output (G) of
the MIC5018 provides a voltage, referenced to ground,
that is greater than the supply voltage. Refer to the
“Typical Characteristics: Gate Output Voltage vs. Supply
Voltage” graph.
The supply voltage and the MOSFET drain-to-source
voltage drop determine the gate-to-source voltage.
VGS = VG – (VSUPPLY – VDS)
where:
VGS = gate-to-source voltage (enhancement)
VG = gate voltage (from graph)
VSUPPLY = supply voltage
VDS = drain-to-source voltage
(approx. 0V at low current, or when fully enhanced)
VS
CTL
G
GND
MIC5018
VSUPPLY
1
23
4
VGS
VDS
VLOAD
VGG
D
S
Figure 1. Voltages
The performance of the MOSFET is determined by the
gate-to-source voltage. Choose the type of MOSFET
according to the calculated gate-to-source voltage.
Standard MOSFET
Standard MOSFETs are fully enhanced with a gate-to-
source voltage of about 10V. Their absolute maximum
gate-to-source voltage is ±20V.
With a 5V supply, the MIC5018 produces a gate output
of approximately 15V. Figure 2 shows how the remaining
voltages conform. The actual drain-to-source voltage
drop across an IRFZ24 is less than 0.1V with a 1A load
and 10V enhancement. Higher current increases the
drain-to-source voltage drop, increasing the gate-to-
source voltage.
VS
CTL
G
GND
MIC5018
4.7µF
+5V
1
23
4
Logic
High
10V
approx. 0V
5V
15V
Voltages are approximate
* International Rectifier
standard MOSFET
IRFZ24*
To demonstrate
this circuit, trya
2 , 20W
load resistor.
Figure 2. Using a Standard MOSFET
The MIC5018 has an internal zener diode that limits the
gate-to-ground voltage to approximately 16V.
Lower supply voltages, such as 3.3V, produce lower
gate output voltages which will not fully enhance
standard MOSFETs. This significantly reduces the
maximum current that can be switched. Always refer to
the MOSFET data sheet to predict the MOSFET’s
performance in specific applications.
Logic-Level MOSFET
Logic-level N-channel MOSFETs are fully enhanced with
a gate-to-source voltage of approximately 5V and
generally have an absolute maximum gate-to-source
voltage of ±10V.
VS
CTL
G
GND
MIC5018
4.7µF
+3.3V
1
23
4
Logic
High
5.7V
approx. 0V
3.3V
9V
Voltages are approximate
* International Rectifier
logic-level MOSFET
IRLZ44*
To demonstrate
this circuit, try
5 , 5W or
47 , 1/4W
load resistors.
Figure 3. Using a Logic-Level MOSFET
Refer to Figure 3 for an example showing nominal
voltages. The maximum gate-to-source voltage rating of
a logic-level MOSFET can be exceeded if a higher



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com