Electronic Components Datasheet Search
  English  ▼

X  

MIC5018 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5018
Description  IttyBitty??High-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5018 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5018 Datasheet HTML 1Page - Micrel Semiconductor MIC5018 Datasheet HTML 2Page - Micrel Semiconductor MIC5018 Datasheet HTML 3Page - Micrel Semiconductor MIC5018 Datasheet HTML 4Page - Micrel Semiconductor MIC5018 Datasheet HTML 5Page - Micrel Semiconductor MIC5018 Datasheet HTML 6Page - Micrel Semiconductor MIC5018 Datasheet HTML 7Page - Micrel Semiconductor MIC5018 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Micrel, Inc.
MIC5018
April 2006
4
M9999-042406
(408) 955-1690
Typical Characteristics
(4)
0
0.2
0.4
0.6
0.8
1.0
0246
8
10
SUPPLY VOLTAGE (V)
Supply Current
vs. Supply Voltage
-40°C
125°C
25°C
Note 4:
T
A = 25°C, VSUPPLY = 5V unless noted.
Note 5:
Full turn-on time is the time between VCTL rising to 2.5V and the VG rising to 90% of its steady on-state value.
Note 6:
Full turn-off time is the time between V
CTL falling to 0.5V and the VG falling to 10% of its steady on-state value.
0
5
10
15
20
0246
8
10
SUPPLY VOLTAGE (V)
Gate Output Voltage
vs. Supply Voltage
25°C
-40°C
125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com