Electronic Components Datasheet Search
  English  ▼

X  

MIC5018 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5018
Description  IttyBitty??High-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5018 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5018 Datasheet HTML 1Page - Micrel Semiconductor MIC5018 Datasheet HTML 2Page - Micrel Semiconductor MIC5018 Datasheet HTML 3Page - Micrel Semiconductor MIC5018 Datasheet HTML 4Page - Micrel Semiconductor MIC5018 Datasheet HTML 5Page - Micrel Semiconductor MIC5018 Datasheet HTML 6Page - Micrel Semiconductor MIC5018 Datasheet HTML 7Page - Micrel Semiconductor MIC5018 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MIC5018
IttyBitty™ High-Side MOSFET Driver
IttyBitty is a trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 2006
M9999-042406
(408) 955-1690
General Description
The MIC5018 IttyBitty™ high-side MOSFET driver is
designed to switch an N-channel enhancement-type
MOSFET from a TTL compatible control signal in high- or
low-side switch applications. This driver features the tiny
4-lead SOT-143 package.
The MIC5018 is powered from a +2.7V to +9V supply
and features extremely low off-state supply current.
An internal charge pump drives the gate output higher
than the driver supply voltage and can sustain the gate
voltage indefinitely. An internal zener diode limits the
gate-to-source voltage to a safe level for standard
N-channel MOSFETs.
In high-side configurations, the source voltage of the
MOSFET approaches the supply voltage when switched
on. To keep the MOSFET turned on, the MIC5018’s output
drives the MOSFET gate voltage higher than the supply
voltage. In a typical high-side configuration, the driver is
powered from the load supply voltage. Under some
conditions, the MIC5018 and MOSFET can switch a load
voltage that is slightly higher than the driver supply
voltage.
In a low-side configuration, the driver can control a
MOSFET that switches any voltage up to the rating of the
MOSFET. The gate output voltage is higher than the
typical 3.3V or 5V logic supply and can fully enhance a
standard MOSFET.
The MIC5018 is available in the SOT-143 package and is
rated for –40°C to +85°C ambient temperature range.
Features
• +2.7V to +9V operation
• 150µA typical supply current at 5V supply
• ≤1µA typical standby (off) current
• Charge pump for high-side low-voltage applications
• Internal zener diode gate-to-ground MOSFET protection
• Operates in low- and high-side configurations
• TTL compatible input
• ESD protected
Applications
• Battery conservation
• Power bus switching
• Solenoid and motion control
• Lamp control
Typical Applications
On
Off
VS
CTL
G
GND
MIC5018
4.7µF
IRFZ24*
N-Channel
MOSFET
+5V
1
23
4
* International Rectifier
100m , 17A max.
TO-220 package
On
Off
VS
CTL
G
GND
MIC5018
4.7µF
Si9410DY*
N-channel
MO SF ET
VLOAD SUPPLY
‡
1
23
4
+2.7 to +9V
‡ Load voltage limited only by
MOSFET drain-to-source rating
* Siliconix
30m , 7A max., 30V VDS max.
8-lead SOIC package
Low-Voltage High-Side Power Switch
Low-Side Power Switch


Similar Part No. - MIC5018

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5018 MICREL-MIC5018 Datasheet
58Kb / 7P
IttyBitty??High-Side MOSFET Driver Preliminary Information
logo
Microchip Technology
MIC5018 MICROCHIP-MIC5018 Datasheet
2Mb / 20P
High-Side MOSFET Driver
09/14/21
logo
Micrel Semiconductor
MIC5018BM4 MICREL-MIC5018BM4 Datasheet
58Kb / 7P
IttyBitty??High-Side MOSFET Driver Preliminary Information
logo
Microchip Technology
MIC5018YM4-TR MICROCHIP-MIC5018YM4-TR Datasheet
2Mb / 20P
High-Side MOSFET Driver
09/14/21
More results

Similar Description - MIC5018

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9380 STMICROELECTRONICS-L9380 Datasheet
197Kb / 12P
TRIPLE HIGH-SIDE MOSFET DRIVER
Apr-1998
logo
Micrel Semiconductor
MIC2514 MICREL-MIC2514 Datasheet
44Kb / 5P
IttyBitty??Integrated High-Side Switch Preliminary Information
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
IttyBitty??Low-Side MOSFET Driver
MIC5018 MICREL-MIC5018 Datasheet
58Kb / 7P
IttyBitty??High-Side MOSFET Driver Preliminary Information
logo
Linear Technology
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
Protected High Side MOSFET Driver
logo
Micrel Semiconductor
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
IttyBitty??Low-Side MOSFET Driver
MIC2514 MICREL-MIC2514_08 Datasheet
177Kb / 6P
IttyBitty Integrated High-Side Switch
logo
MIC GROUP RECTIFIERS
MIC4416 MIC-MIC4416_11 Datasheet
122Kb / 10P
IttyBitty??Low-Side MOSFET Driver
logo
Linear Technology
LT1910 LINER-LT1910_15 Datasheet
224Kb / 14P
Protected High Side MOSFET Driver
logo
Microchip Technology
MIC5018 MICROCHIP-MIC5018 Datasheet
2Mb / 20P
High-Side MOSFET Driver
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com