Electronic Components Datasheet Search
  English  ▼

X  

MIC5018 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5018
Description  IttyBitty??High-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5018 Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC5018 Datasheet HTML 1Page - Micrel Semiconductor MIC5018 Datasheet HTML 2Page - Micrel Semiconductor MIC5018 Datasheet HTML 3Page - Micrel Semiconductor MIC5018 Datasheet HTML 4Page - Micrel Semiconductor MIC5018 Datasheet HTML 5Page - Micrel Semiconductor MIC5018 Datasheet HTML 6Page - Micrel Semiconductor MIC5018 Datasheet HTML 7Page - Micrel Semiconductor MIC5018 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Micrel, Inc.
MIC5018
April 2006
7
M9999-042406
(408) 955-1690
supply voltage is used. An external zener diode can
clamp the gate-to-source voltage as shown in Figure 4.
The zener voltage, plus its tolerance, must not exceed
the absolute maximum gate voltage of the MOSFET.
VS
CTL
G
GND
MIC5018
VSUPPLY
1
23
4
5V <VZ < 10V
Protects gate of
logic-level MOSFET
Logic-leve
N-channel
MO S F ET
Figure 4. Gate-to-Source Protection
A gate-to-source zener may also be required when the
maximum gate-to-source voltage could be exceeded due
to normal part-to-part variation in gate output voltage.
Other conditions can momentarily increase the gate-to-
source voltage, such as turning on a capacitive load or
shorting a load.
Inductive Loads
Inductive loads include relays, and solenoids. Long
leads may also have enough inductance to cause
adverse effects in some circuits.
On
Off
VS
CT L
G
GND
MIC5018
4.7µF
+2.7V to +9V
1
23
4
Schottky
Diode
Figure 5. Switching an Inductive Load
Switching off an inductive load in a high-side application
momentarily forces the MOSFET source negative (as
the inductor opposes changes to current). This voltage
spike can be very large and can exceed a MOSFET’s
gate-to-source and drain-to-source ratings. A Schottky
diode across the inductive load provides a discharge
current path to minimize the voltage spike. The peak
current rating of the diode should be greater than the
load current.
In a low-side application, switching off an inductive load
will momentarily force the MOSFET drain higher than the
supply voltage. The same precaution applies.
Split Power Supply
Refer to Figure 6. The MIC5018 can be used to control a
12V load by separating the driver supply from the load
supply.
VS
CTL
G
GND
MIC5018
4.7µF
+12V
1
23
4
Logic
High
3V
approx. 0V
12V
15V
Voltages are approximate
* International Rectifier
logic-level MOSFET
IRLZ44*
+5V
To demonstrate
this circuit, trya
40 , 5W or
100 , 2W
load resistor.
Figure 6. 12V High-Side Switch
A logic-level MOSFET is required. The MOSFET’s
maximum current is limited slightly because the gate is
not
fully
enhanced.
To
predict
the
MOSFETs
performance for any pair of supply voltages, calculate
the gate-to-source voltage and refer to the MOSFET
data sheet.
VGS = VG – (VLOAD SUPPLY – VDS)
VG is determined from the driver supply voltage using the
“Typical Characteristics: Gate Output Voltage vs. Supply
Voltage” graph.
Low-Side Switch Configuration
The low-side configuration makes it possible to switch a
voltage much higher than the MIC5018’s maximum
supply voltage.
On
Off
VS
CTL
G
GND
MIC5018
4.7µF
IRF540*
N-channel
MOS FET
+80V
1
23
4
+2.7 to +9V
* International Rectifier
standard MOSFET
BVDSS = 100V
To demonstrate
this circuit, try
1k, 10W or
33k, 1/4W
load resistors.
Figure 7. Low-Side Switch Configuration
The maximum switched voltage is limited only by the
MOSFET’s maximum drain-to-source ratings.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com