Electronic Components Datasheet Search
  English  ▼

X  

RT9166 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9166
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9166 Datasheet HTML 1Page - Richtek Technology Corporation RT9166 Datasheet HTML 2Page - Richtek Technology Corporation RT9166 Datasheet HTML 3Page - Richtek Technology Corporation RT9166 Datasheet HTML 4Page - Richtek Technology Corporation RT9166 Datasheet HTML 5Page - Richtek Technology Corporation RT9166 Datasheet HTML 6Page - Richtek Technology Corporation RT9166 Datasheet HTML 7Page - Richtek Technology Corporation RT9166 Datasheet HTML 8Page - Richtek Technology Corporation RT9166 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT9166/A
4
DS9166/A-19 April 2008
www.richtek.com
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
Devices are ESD sensitive. Handling precaution is recommended.
Note 3.
The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a single layer low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 5.
Regulation is measured at constant junction temperature by using a 20ms current pulse. Devices are tested for load
regulation in the load range from 1mA to 300mA and 600mA respectively.
Note 6.
Quiescent, or ground current, is the difference between input and output currents. It is defined by IQ = IIN - IOUT under
no load condition (IOUT = 0mA). The total current drawn from the supply is the sum of the load current plus the ground
pin current.
Note 7.
The dropout voltage is defined as VIN -VOUT, which is measured when VOUT is VOUT(NORMAL)
− 100mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com