Electronic Components Datasheet Search
  English  ▼

X  

RT9166 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9166
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9166 Datasheet HTML 1Page - Richtek Technology Corporation RT9166 Datasheet HTML 2Page - Richtek Technology Corporation RT9166 Datasheet HTML 3Page - Richtek Technology Corporation RT9166 Datasheet HTML 4Page - Richtek Technology Corporation RT9166 Datasheet HTML 5Page - Richtek Technology Corporation RT9166 Datasheet HTML 6Page - Richtek Technology Corporation RT9166 Datasheet HTML 7Page - Richtek Technology Corporation RT9166 Datasheet HTML 8Page - Richtek Technology Corporation RT9166 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
RT9166/A
5
DS9166/A-19 April 2008
www.richtek.com
Typical Operating Characteristics
Current Limit vs. Input voltage
700
750
800
850
900
33.544.555.5
Input voltage (V)
VIN = 5V
CIN = 1uF
COUT = 1uF
RL = 0.5
Ω
RT9166-33xX
Current Limit vs. Input voltage
700
750
800
850
900
3
3.5
4
4.5
5
5.5
Input voltage (V)
VIN = 5V
CIN = 1uF
COUT = 1uF
RL = 0.5
Ω
RT9166-33xVL
Power Supply Rejection Ratio
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)
VIN = 5V
CIN = 1uF
COUT = 1uF
100mA
1mA
10
100
1k
10k
100k
1M
Dropout Voltage vs. Load Current
0
100
200
300
400
500
600
700
0
100
200
300
400
500
600
Load Current (mA)
CIN = 1uF
COUT = 1uF
TJ = 125
°C
TJ = 25
°C
TJ =
−40°C
Region of Stable COUT ESR vs. Load Current
0.00
0.01
0.10
1.00
10.00
100.00
0
100
200
300
400
500
600
Load Current (mA)
Instable
Instable
Stable
COUT = 1uF to 4.7uF
Output Noise
Time (1ms/DIV)
400
200
0
-200
-400
VIN = 5V
CIN = 1uF
ILOAD = 100mA
COUT = 1uF
f = 10Hz to 100KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com