Electronic Components Datasheet Search
  English  ▼

X  

RT9166 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT9166
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9166 Datasheet HTML 7Page - Richtek Technology Corporation RT9166 Datasheet HTML 8Page - Richtek Technology Corporation RT9166 Datasheet HTML 9Page - Richtek Technology Corporation RT9166 Datasheet HTML 10Page - Richtek Technology Corporation RT9166 Datasheet HTML 11Page - Richtek Technology Corporation RT9166 Datasheet HTML 12Page - Richtek Technology Corporation RT9166 Datasheet HTML 13Page - Richtek Technology Corporation RT9166 Datasheet HTML 14Page - Richtek Technology Corporation RT9166 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
RT9166/A
14
DS9166/A-19 April 2008
www.richtek.com
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
2.184
2.388
0.086
0.094
B
0.889
2.032
0.035
0.080
b
0.508
0.889
0.020
0.035
b1
1.016 Ref.
0.040 Ref.
b2
0.457
0.584
0.018
0.023
C
0.457
0.584
0.018
0.023
D
6.350
6.731
0.250
0.265
D1
5.207
5.461
0.205
0.215
E
5.334
6.223
0.210
0.245
e
2.108
2.438
0.083
0.096
L1
9.398
10.414
0.370
0.410
L2
0.508 Ref.
0.020 Ref.
L3
0.635
1.016
0.025
0.040
U
3.810 Ref.
0.150 Ref.
V
3.048 Ref.
0.120 Ref.
R
0.200
0.850
0.008
0.033
S
2.500
3.400
0.098
0.134
T
0.500
0.850
0.020
0.033
3-Lead TO-252 Surface Mount Package
A
C
b2
b
b1
D
B
E
L3
e
L1
L2
V
U
D1
S
T
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com